Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FGP-800 Datasheet(PDF) 1 Page - Same Sky Devices

Part # FGP-800
Description  FEATURES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

FGP-800 Datasheet(HTML) 1 Page - Same Sky Devices

  FGP-800 Datasheet HTML 1Page - Same Sky Devices FGP-800 Datasheet HTML 2Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
date 09/12/2024
page 1 of 2
MODEL: FGP-800 | DESCRIPTION: FAN GUARD
sameskydevices.com
FEATURES
• 84.5 x 84.5 mm fan guard
• 71.5 mm pitch
• for use with 80 mm fan
MECHANICAL DRAWING
units: mm
tolerance: ±1.0 mm
unless otherwise noted
DESCRIPTION
MATERIAL
PLATING/COLOR
frame
PA-707 (UL94HB)
black
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - FGP-800

ManufacturerPart #DatasheetDescription
logo
Level One
FGP-1000 LVL1-FGP-1000 Datasheet
499Kb / 4P
IEEE 802.3x Flow Control protects against lost packets for reliable data transmission 1000Mbps-Full-duplex, 10/100Mbps-Full/Half-duplex, Auto-Negotiation, Auto-MDI/MDIX
FGP-1000 LVL1-FGP-1000_16 Datasheet
507Kb / 3P
10-Port Fast Ethernet PoE Switch, 1 x RJ45 Gigabit, 1 x SFP Gigabit, 9 PoE Outputs, 115W
logo
Yamaichi Electronics Co...
FGP-1001-0501-2-0FF YAMAICHI-FGP-1001-0501-2-0FF Datasheet
85Kb / 1P
PC Board Transition Header (2 Rows)
FGP-1001-0502-2-0FF YAMAICHI-FGP-1001-0502-2-0FF Datasheet
85Kb / 1P
PC Board Transition Header (2 Rows)
logo
Same Sky Devices
FGP-1200 SAMESKY-FGP-1200 Datasheet
285Kb / 2P
FAN GUARD
09/12/2024
More results

Similar Description - FGP-800

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SGH13N60UFD FAIRCHILD-SGH13N60UFD Datasheet
308Kb / 8P
FEATURES
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
Standard features, Features of the CPU08
logo
Roithner LaserTechnik G...
QL85F6SA ROITHNER-QL85F6SA Datasheet
69Kb / 3P
FEATURES
logo
Recom International Pow...
R0.25D-0505 RECOM-R0.25D-0505 Datasheet
150Kb / 4P
Features
logo
Freescale Semiconductor...
MC9RS08KA8RM FREESCALE-MC9RS08KA8RM Datasheet
2Mb / 190P
MC9RS08KA8 Features
logo
Grayhill, Inc
22-3 GRAYHILL-22-3 Datasheet
36Kb / 1P
TRANSISTOR SOCKET FEATURES LAMP SOCKET FEATURES
logo
List of Unclassifed Man...
HEDS-8904 ETC2-HEDS-8904 Datasheet
237Kb / 1P
Description Features
logo
Olitech Electronics Co....
BC546 OLITECH-BC546 Datasheet
850Kb / 4P
FEATURES
BC556 OLITECH-BC556 Datasheet
791Kb / 4P
FEATURES
logo
EHAOAN.
EH-C191IR-A3 EHAOAN-EH-C191IR-A3 Datasheet
1Mb / 7P
Features/Product Features
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com