Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD4707 Datasheet(PDF) 4 Page - Powerex Power Semiconductors

Part # PD4707
Description  POW-R-BLOK Dual SCR / Diode Isolated Module (700 Amperes / Up to 1800 Volts)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PD4707 Datasheet(HTML) 4 Page - Powerex Power Semiconductors

  PD4707 Datasheet HTML 1Page - Powerex Power Semiconductors PD4707 Datasheet HTML 2Page - Powerex Power Semiconductors PD4707 Datasheet HTML 3Page - Powerex Power Semiconductors PD4707 Datasheet HTML 4Page - Powerex Power Semiconductors PD4707 Datasheet HTML 5Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRELIMINARY
Powerex, Inc., Hillis Street, Youngwood, Pennsylvania 15697 (724) 925-7272
Dual SCR / Diode Module
700 Amperes / Up to 1800 Volts
10/04/2002
PD47__07
Maximum Transient Thermal Impedance
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.001
0.01
0.1
1
10
100
Time - t - Seconds
(Junction To Case)
Typical On-State Forward Voltage Drop
0
0.5
1
1.5
2
2.5
3
10
100
1000
10000
Instantaneous On-State Current - Itm - Amperes
(Tj = 125C)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
120°
90°
60°
30°
15°
180°
70
80
90
100
110
120
130
0
100
200
300
400
500
600
700
800
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
15°
30°
60°
90°
120°
180°
0
100
200
300
400
500
600
700
800
900
1000
0
100
200
300
400
500
600
700
800
Average On-State Current - It(av) - Amperes
(Sinusoidal Waveform)
0
180
360
CONDUCTION ANGLE
Maximum On-State Power Dissipation
360°
15°
270°
180°
120°
30°
60°
90°
0
200
400
600
800
1000
1200
1400
0
200
400
600
800
1000
1200
1400
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)
0
180
360
CONDUCTION ANGLE
Maximum Allowable Case Temperature
270°
180°
120°
90°
60°
30°
15°
360°
50
60
70
80
90
100
110
120
130
0
200
400
600
800
1000
1200
1400
Average On-State Current - It(av) - Amperes
(Rectangular Waveform)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com