Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MZ92-R220RM Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MZ92-R220RM
Description  High ageing cofficient
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MZ92-R220RM Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MZ92-R220RM Datasheet HTML 1Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 2Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 3Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 4Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 5Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 6Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 7Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 8Page - List of Unclassifed Manufacturers MZ92-R220RM Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MZ2 TYPE
THERMISTOR
for Current-Limited
Features
Compact for telecommunicalion and AC circuit.
APPLICATION ENVIROMENTAL CONDITIONS
Environmental temperature:
-10℃~+ 60℃
Relative humidity:
40~75%(+40℃±2℃)
Atmosphere pressure:
86~106KPa
DIMENSIONS(mm)
THE PARAMETER OF TRANSFORMER
Part No
Non-operating
Current
(mA)
Tip
current
(mA)
Rated
Resistance
(Ω)
Max
Voltage
(V)
Max
Dimensions
(mm)
Matched
Transformer
(W)
MZ21P4R7RM
390
900
4.7±20%
Ф19.0 x 6.0
35
MZ21P5R6RM
240
780
5.6±20%
Ф17.0x6.0
30
MZ21P6R8RM
290
670
68±20%
Фl4.0 x 6.0
25
MZ21P100RM
220
510
10±20%
Ф13.0 x 6.0
20
MZ21P150RM
170
400
15±20%
Ф11.6 x 6.0
15
MZ21 P220RM
140
330
22±20%
Ф9.6 x 6.0
10
MZ21P330RM
100
230
33±20%
Ф7.4 x 6.0
5
MZ21P120RM
150
610
12±20%
140
Ф19.5 x 6 0
35
MZ21P270RM
150
360
27±20%
Ф14.0x6.0
20
MZ21P390RM
100
240
39±20%
Фl0.0 x 6.0
15
MZ21P560RM
80
190
56±20%
Ф8.0 x 6.0
10
MZ21P820RM
60
150
82±20%
Ф8.0 x 6.0
10
MZ21P121RM
35
85
120±20%
Ф6.5 x 6.0
5
MZ21P181RM
29
70
180±20%
270
Ф6.5x6.0
3
Operating temperature range -10℃~+60℃
It means typical capacitance of the transformer which can be used.
APPLICATION CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com