Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH02FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH02FE
Description  2 Input NOR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH02FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH02FE Datasheet HTML 1Page - Toshiba Semiconductor TC7SH02FE Datasheet HTML 2Page - Toshiba Semiconductor TC7SH02FE Datasheet HTML 3Page - Toshiba Semiconductor TC7SH02FE Datasheet HTML 4Page - Toshiba Semiconductor TC7SH02FE Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7SH02FE
2004-06-21
1
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH02FE
2 Input NOR Gate
Features
Weight: 0.003 g (typ.)
• Super high speed operation :tPD = 3.6 ns (typ.)
@VCC = 5 V
• Low power dissipation : ICC = 2 µA (Max.)
@ Ta = 25°C
• High noise immunity : VNIH = VNIH
= 28% VCC (Min.)
• 5.5V tolerant input.
• Wide operation voltage range : VCC (opr) = 2~5.5 V
Marking
Pin Assignment (top view)
1
2
VCC
5
4
3
Type name
H
3
IN B
IN A
GND
OUT Y
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7
V
DC input voltage
VIN
−0.5~7
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
150
mW
Storage temperature
Tstg
−65~150
°C


Similar Part No. - TC7SH02FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
2-INPUT NOR GATE
TC7SH02FS TOSHIBA-TC7SH02FS Datasheet
170Kb / 6P
2-INPUT NOR GATE
TC7SH02FU TOSHIBA-TC7SH02FU Datasheet
197Kb / 5P
2-INPUT NOR GATE
TC7SH02FU TOSHIBA-TC7SH02FU_09 Datasheet
195Kb / 7P
2-Input NOR Gate
TC7SH02F TOSHIBA-TC7SH02F_09 Datasheet
195Kb / 7P
2-Input NOR Gate
More results

Similar Description - TC7SH02FE

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com