Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH02FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH02FS
Description  2-INPUT NOR GATE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH02FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH02FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH02FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH02FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH02FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH02FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH02FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SH02FS
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH02FS
2-INPUT NOR GATE
Features
High speed: tpd = 3.6 ns (typ.) at VCC = 5 V
Low power dissipation: ICC = 2 µA (max) at Ta = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min)
5.5V tolerant input.
Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
・Pin Assignment (top view)
(fSV)
Weight : 0.001 g (Typ.)
1
2
5
4
VCC
OUT Y
SON5-P-0.35
3
H
3
Type Name
IN A
GND
IN B
2003-08-28
1


Similar Part No. - TC7SH02FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH02F TOSHIBA-TC7SH02F Datasheet
197Kb / 5P
2-INPUT NOR GATE
TC7SH02FE TOSHIBA-TC7SH02FE Datasheet
150Kb / 5P
2 Input NOR Gate
TC7SH02FU TOSHIBA-TC7SH02FU Datasheet
197Kb / 5P
2-INPUT NOR GATE
TC7SH02FU TOSHIBA-TC7SH02FU_09 Datasheet
195Kb / 7P
2-Input NOR Gate
TC7SH02F TOSHIBA-TC7SH02F_09 Datasheet
195Kb / 7P
2-Input NOR Gate
More results

Similar Description - TC7SH02FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7S02F TOSHIBA-TC7S02F Datasheet
212Kb / 5P
2-INPUT NOR GATE
TC7SET02F TOSHIBA-TC7SET02F Datasheet
165Kb / 5P
2-INPUT NOR GATE
logo
Renesas Technology Corp
HD74ALVC1G02 RENESAS-HD74ALVC1G02 Datasheet
78Kb / 10P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02 Datasheet
96Kb / 5P
2-INPUT NOR GATE
logo
Toshiba Semiconductor
TC7SG02FE TOSHIBA-TC7SG02FE Datasheet
166Kb / 6P
2 Input NOR Gate
logo
Renesas Technology Corp
HD74LV1G02A RENESAS-HD74LV1G02A_08 Datasheet
106Kb / 8P
2-input NOR Gate
HD74UH02 RENESAS-HD74UH02 Datasheet
142Kb / 7P
2-input NOR Gate
logo
Unisonic Technologies
U74HC2G02 UTC-U74HC2G02_15 Datasheet
151Kb / 5P
2-INPUT NOR GATE
logo
Nexperia B.V. All right...
74AHC1G02-Q100 NEXPERIA-74AHC1G02-Q100 Datasheet
680Kb / 12P
2-input NOR gate
XC7SH02 NEXPERIA-XC7SH02 Datasheet
202Kb / 11P
2-input NOR gate
Rev. 2 - 12 January 2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com