Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR4 Datasheet(PDF) 2 Page - Campbell Scientific United Kingdom

Part # LR4
Description  LR4 4-Channel Latching Relay Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

LR4 Datasheet(HTML) 2 Page - Campbell Scientific United Kingdom

  LR4 Datasheet HTML 1Page - Campbell Scientific United Kingdom LR4 Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
We reserve the right to alter specifications without notice
Campbell Scientific products are
available from:
Maximum Number of Sensors
Specifications
Supply Voltage:
9-30VDC
Power Consumption:
Quiescent:
< 2.0 mA
Peak:
< 250 mA
Operating Temperature:
-40ºC to +60ºC
Relay Type:
Latching
Communications
Hardware:
SDI-12, RS232 or RS485
Protocol:
SDI-12 Version 1.3 or MODBUS via RS232/485 at 19,200 bps
Digital I/O Input Voltage
Maximum:
+20 Vdc
Minimum:
-12 Vdc
Operating Temperature:
-40ºC to +60ºC
Dimensions
Length:
17.0 cm (6.7 in)
Height:
6.1 cm (2.4 in)
Width:
3.7 cm (1.5 in)
Weight:
0.48 kg (1.05 lb)
OrderingInformation
Relay Module
LR4
Four Channel Latching Relay Module
Relay-to-Datalogger Cables
A Standard 3 m cable is included.
CABLE3CBL
Three-conductor, 22 AWG cable with drain wire and Santoprene jacket used for SDI-12 communications.
CABLE4CBL
Four-conductor, 22 AWG cable with drain wire and Santoprene jacket used for SDI-12 and digital I/O port
communications.
CABLE2TP
Two-twisted-pair, 22 AWG cable with drain wire and Santoprene jacket used for ModBus communications.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com