Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CABLE3CBL Datasheet(PDF) 1 Page - Campbell Scientific United Kingdom

Part # CABLE3CBL
Description  LR4 4-Channel Latching Relay Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMPBELL [Campbell Scientific United Kingdom]
Direct Link  https://www.campbellsci.co.uk/
Logo CAMPBELL - Campbell Scientific United Kingdom

CABLE3CBL Datasheet(HTML) 1 Page - Campbell Scientific United Kingdom

  CABLE3CBL Datasheet HTML 1Page - Campbell Scientific United Kingdom CABLE3CBL Datasheet HTML 2Page - Campbell Scientific United Kingdom  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Campbell Scientific Ltd., Campbell Park, 80 Hathern Road, Shepshed, Loughborough, LE129GX,UK
Tel: +44 (0) 1509 601141 Fax: +44 (0) 1509 601091 Email: sales@campbellsci.co.uk
www.campbellsci.co.uk
LR4 4-Channel Latching
Relay Module
Features
February 2011
CSL 809
The LR4 Four-Channel Latching
Relay Module is ideal for
locations where power is
unreliable or needs to be
conserved. Unlike traditional
relays that must be continuously
powered to keep their state, the
LR4 mechanically latches the
relay’s state allowing power to
be removed. The only way to
• Low power
consumption
• Relay state is non-
volatile
• 4 channels
• LED indicators
• Manual toggle
override for each
relay
• Compatible with all
SDI-12 capable
dataloggers
LR4 Four-Channel Latching Relay Module
Relay Details
Contacts
Relay #1 and Relay #2
2 independent; single pole single throw (SPST)
Relay #3 and Relay #4
2 independent; single pole double throw (SPDT)
Maximum Voltage Ratings: 30V DC/30V AC
Maximum Current:
Relay #1 and Relay #2
Not to exceed 100V A or 5 A
Relay #3 and Relay #4
Not to exceed 60V A or 2 A
change the state of a relay is to
send a command to the LR4 or to
press the manual toggle button.
The datalogger sends commands
to the LR4 via the SDI-12 protocol
or ModBus protocol.


Similar Part No. - CABLE3CBL

ManufacturerPart #DatasheetDescription
logo
GradConn, Ltd.
CABLE305RF GRADCONN-CABLE305RF Datasheet
144Kb / 1P
CABLE ASSEMBLY
Rev. 1.4
CABLE305RF-0100-F1-A-1 GRADCONN-CABLE305RF-0100-F1-A-1 Datasheet
144Kb / 1P
CABLE ASSEMBLY
Rev. 1.4
CABLE305RF-0100-F1-A-2 GRADCONN-CABLE305RF-0100-F1-A-2 Datasheet
144Kb / 1P
CABLE ASSEMBLY
Rev. 1.4
CABLE305RF-0100-F1-A-3 GRADCONN-CABLE305RF-0100-F1-A-3 Datasheet
144Kb / 1P
CABLE ASSEMBLY
Rev. 1.4
CABLE305RF-0100-F2-A-1 GRADCONN-CABLE305RF-0100-F2-A-1 Datasheet
144Kb / 1P
CABLE ASSEMBLY
Rev. 1.4
More results

Similar Description - CABLE3CBL

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFE37 HONGFA-HFE37_17 Datasheet
60Kb / 3P
Latching relay
HFE29 HONGFA-HFE29_17 Datasheet
60Kb / 3P
Latching relay
HFE28 HONGFA-HFE28_17 Datasheet
71Kb / 3P
Latching relay
HFE22 HONGFA-HFE22_17 Datasheet
75Kb / 4P
100A Latching relay
HFE21 HONGFA-HFE21_17 Datasheet
160Kb / 7P
Latching relay
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
Latching relay
HF166F HONGFA-HF166F_17 Datasheet
58Kb / 3P
Latching relay
HF163F-L HONGFA-HF163F-L_17 Datasheet
56Kb / 3P
Latching relay
logo
Integrated Device Techn...
HXR42400 IDT-HXR42400 Datasheet
222Kb / 3P
28Gbps - 4 Channel LR4 Receiver
logo
Sanyou Corporation Limi...
SY33 SANYOU-SY33 Datasheet
176Kb / 3P
Magnetic Latching Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com