Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH14FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SH14FS
Description  SCHMITT INVERTER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH14FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SH14FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH14FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH14FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH14FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH14FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH14FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SH14FS
TOSHIBA CMOS Digital Integrated Circuit
Silicon Monolithic
TC7SH14FS
SCHMITT INVERTER
(fSV)
Weight : 0.001 g (Typ.)
SON5-P-0.35
Features
High speed: tpd = 5.5 ns (typ.) at VCC = 5 V
Low power dissipation: ICC = 2 µA (max) at Ta = 25°C
High noise immunity: VNIH = VNIL = 28% VCC (min)
5.5V tolerant input.
Wide operating voltage range: VCC (opr) = 2~5.5 V
Marking
・Pin Assignment
(top view)
1
2
5
4
3
H
K
Type Name
IN A
VCC
GND
NC
OUT Y
2003-08-28
1


Similar Part No. - TC7SH14FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SH14F TOSHIBA-TC7SH14F Datasheet
201Kb / 5P
SCHMITT INVERTER
TC7SH14FE TOSHIBA-TC7SH14FE Datasheet
149Kb / 5P
SCHMITT INVERTER
TC7SH14FU TOSHIBA-TC7SH14FU Datasheet
201Kb / 5P
SCHMITT INVERTER
TC7SH14FU TOSHIBA-TC7SH14FU_09 Datasheet
172Kb / 6P
Schmitt Inverter
TC7SH14F TOSHIBA-TC7SH14F_09 Datasheet
172Kb / 6P
Schmitt Inverter
More results

Similar Description - TC7SH14FS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC14 MOTOROLA-MC74AC14 Datasheet
128Kb / 5P
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER
logo
Toshiba Semiconductor
TC7S14F TOSHIBA-TC7S14F Datasheet
203Kb / 5P
SCHMITT INVERTER
TC7SG14AFS TOSHIBA-TC7SG14AFS Datasheet
156Kb / 6P
Schmitt Inverter
TC7SZ14F TOSHIBA-TC7SZ14F_07 Datasheet
169Kb / 6P
Schmitt Inverter
TC7W14F TOSHIBA-TC7W14F_01 Datasheet
238Kb / 8P
SCHMITT INVERTER
TC7SZ14F TOSHIBA-TC7SZ14F_09 Datasheet
169Kb / 6P
Schmitt Inverter
TC7SZ14AFS TOSHIBA-TC7SZ14AFS_1 Datasheet
208Kb / 6P
Schmitt Inverter
TC7S14FUTE85LF TOSHIBA-TC7S14FUTE85LF Datasheet
209Kb / 6P
SCHMITT INVERTER
TC7W14FUTE12LF TOSHIBA-TC7W14FUTE12LF Datasheet
159Kb / 7P
Schmitt Inverter
logo
ELM Electronics
ELM7S14B ELM-ELM7S14B Datasheet
328Kb / 3P
Schmitt Inverter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com