Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3Z7ACT700W Datasheet(PDF) 2 Page - Powerex Power Semiconductors

Part # P3Z7ACT700W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P3Z7ACT700W Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  P3Z7ACT700W Datasheet HTML 1Page - Powerex Power Semiconductors P3Z7ACT700W Datasheet HTML 2Page - Powerex Power Semiconductors P3Z7ACT700W Datasheet HTML 3Page - Powerex Power Semiconductors P3Z7ACT700W Datasheet HTML 4Page - Powerex Power Semiconductors P3Z7ACT700W Datasheet HTML 5Page - Powerex Power Semiconductors P3Z7ACT700W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P-2
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
Configuration Reference:
The POW-R-BRIK™ part number
system takes the form
P3 Z7A
CT7 00 W16 where:
•
P3 is the configuration number.
The configurations are shown
pictorially in the right hand
column.
•
Z7A is the package type per
the outline drawings Z7A and
Z9A on this data sheet.
•
CT7 denotes the element code.
The Element Code Reference
at the end of this data sheet
provides information on the
standard element codes
including the corresponding
disc device using the element.
Refer to the appropriate disc
package data sheets in the
Powerex Semiconductor Data
Book for additional device
specifications.
•
00 denotes special features:
00 – module includes
standard thermistor
XT – no thermistor
AA-ZZ – denotes unique
customer specification
•
W16 denotes voltage code per
the table below. Note that not
all voltage ratings are available
for every element. Refer to the
Element Code Reference for
available voltage ranges for a
given element.
Elements
Voltage
Voltage Rating
Code
400
V04
600
V06
800
V08
1000
W10
1200
W12
1400
W14
1600
W16
1800
W18
2000
W20
2200
W22
2400
W24
2600
W26
2800
W28
3000
W30
S
S
Element 1
S
S
Element 2
Element 1
Element 2
Element 1
Element 2
Element 1
Element 2
P1 - DIODE
P4 - FAST DIODE*
P2 - SCR/DIODE
P5 - FAST SCR/FAST DIODE*
P3 - SCR/SCR
P6 - FAST SCR/FAST SCR*
P7 - DIODE/SCR
P8 - FAST DIODE/FAST SCR*
* Consult Factory for Available Ratings.
Circuit Configurations:



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com