Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH126FS Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SH126FS
Description  Bus Buffer with 3-STATE Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH126FS Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SH126FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH126FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SH126FS
2007-11-01
2
IEC Logic Symbol
Truth Table
G
A
Y
L
X
Z
H
L
L
H
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 V ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 V ± 0.5 V)
ns/V
G
OUT Y
EN
IN A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com