Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3Z7ACT800W Datasheet(PDF) 3 Page - Powerex Power Semiconductors

Part # P3Z7ACT800W
Description  Phase Control Modules (345-800 Amperes/400-3000 Volts)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

P3Z7ACT800W Datasheet(HTML) 3 Page - Powerex Power Semiconductors

  P3Z7ACT800W Datasheet HTML 1Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 2Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 3Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 4Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 5Page - Powerex Power Semiconductors P3Z7ACT800W Datasheet HTML 6Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Powerex, Inc., 200 Hillis Street, Youngwood, Pennsylvania 15697-1800 (724) 925-7272
POW-R-BRIK™
Phase Control Modules
345-800 Amperes/400-3000 Volts
P-3
Typical Thermistor Circuit
Thermistor temperatures can be
measured using the following
circuit arrangement in conjunction
with a 5 volt source. Resistance
values for R1 and R2 are specified
for two operating temperature
ranges.
POW-R-BRIK™ Thermistor
Characteristics
Element
Average
Thermistor Thermistor
Temperature
Resistance
Temp. Steady State Dynamic
Ohms
°C
°C (Min.)
°C (Max.)
Œ

Ž
12093
40
43
50
7337
50
53
60
4990
60
63
70
3324
70
73
80
2262
80
83
90
1569
90
93
100
1316
95
98
105
1109
100
103
110
938
105
108
115
797
110
113
120
680
115
118
125
582
120
123
130
500
125
128
135
431
130
133
140
Œ Curve matched ±2% over temperature range of +40°C
to +125°C. Resistance tolerance specified at +125°C,
±6%.
 Without self heating, 10mW maximum thermistor
dissipation.
Ž Use “Sensor at Tj” ohms from characteristics for
recommended steady state overload trip resistance.
1.
Temperature range, 75°C
through 125°C
R1 = 3.5K ohms
R2 = 840 ohms
V0 = 2.5 volts at 100°C
2.
Temperature range, 90°C
through 140°C
R1 = 2.2K ohms
R2 = 500 ohms
V0 = 2.45 volts at 115°C
The output signal (V0) is
approximately 30 mv/°C over the
temperature range indicated.
R1
R2
VO
5 VOLT SUPPLY
THERMISTOR
GATES
POW-R-BRIK
CONTROL:
PROTECTION
CIRCUIT
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
Z7A
10-4
10-1
10-2
10-3
10-3
10-2
10-1
100
101
102
103
PER ELEMENT,
BOTH CONDUCTING
PER ELEMENT,
ONE CONDUCTING
PER MODULE,
BOTH CONDUCTING
TIME, t, (SECONDS)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTICS (JUNCTION-TO-CASE)
Z9A
10-4
10-1
10-2
10-3
10-3
10-2
10-1
100
101
102
103
PER ELEMENT,
BOTH CONDUCTING
PER ELEMENT,
ONE CONDUCTING
PER MODULE,
BOTH CONDUCTING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com