Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PHS-SB10L-4F Datasheet(PDF) 1 Page - SOVICO corp.

Part # PHS-SB10L-4F
Description  SmartBoom® LITE Headset Product Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

PHS-SB10L-4F Datasheet(HTML) 1 Page - SOVICO corp.

  PHS-SB10L-4F Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Overview
The SmartBoom Series of headsets are all part of a line of communications headsets that incorporate a convenient flip-up microphone muting feature. Specifically designed for excep-
tional comfort, flexibility, and durability, SmartBoom headsets deliver unparalleled quality and consistent performance, even in the most demanding professional environments.
SmartBoom LITE Key Features
•
Single-ear lightweight design with enhanced acoustic isolation
•
Closed back supra-aural (on ear) design
•
Flexible, ambidextrous swiveling mic boom
•
SmartBoom flip-up microphone mute
•
Dynamic noise-canceling cardioid microphone optimized for voice
communications
•
Comfort-fit adjustable headband
•
Replaceable ear cushion pad, temple pad, and windscreen
•
Non-reflective rubberized matte black finish
•
Fixed cable (5 ft./1.5 m)
* Notice about Product Specifications: While Pliant makes every effort to maintain the accuracy of the information contained in this manual, this information is
subject to change without notice. Please check our website for the latest system specifications and certifications.
Copyright ©2017 Pliant Technologies, LLC. All rights reserved. The Pliant® and CrewCom® word marks and the Pliant “P” logo are trademarks of Pliant
Technologies, LLC. The SmartBoom® word mark is a trademark of CoachComm LLC. All other trademarks are property of their respective owners.
What’s in the Box?
•
Headset
•
Datasheet
•
Ear Sock
Replacement Parts
•
SBL-PAD-EAR
Ear Pad
•
SBL-PAD-TEM
Temple Pad
•
SBL-32985015 Windscreen
•
SBL-ES-985
Ear Sock
Pliant Technologies, LLC
CrewCom®
205 Technology Parkway
Auburn, Alabama 36830 USA
www.plianttechnologies.com
Phone +1.334.321.1160
Toll-Free 1.844.475.4268 or 1.844.4PLIANT
Fax +1.334.321.1162
PHS-SB10L_DATASHEET_D0000318_C
SmartBoom®LITE Headset Product Specifications
PHS-SB10L-4F, PHS-SB10L-5M, PHS-SB10L-U
Specification*
SmartBoom LITE
Microphone
Microphone Type
Dynamic
Frequency Response
100Hz–10KHz
Mic Sensitivity
-60 dB ± 3dB at 1KHz
Pattern
Cardioid
Output Impedance
250 Ω ± 15% at 1KHz
Speaker (Headphone)
Speaker Type
Dynamic
Frequency Response
20–20,000 Hz
Sensitivity at 1 kHz 316 mV
122 ± 3 dB SPL
Nominal Impedance
100 Ω ± 15% at 1KHz
Max Input Power
500 mW
Cables
Termination at Ear
Fixed
Length
5.00 ft. (1.52 m)
Outside Diameter
0.15 in. (4.00 mm)
Physical Features
Mic Boom Length
8.50 in. (215.90 mm)
Weight (with cable)
5.1 oz (144 g)
Connector Options
PHS-SB10L-4F
4-Pin XLR Female
PHS-SB10L-5M
5-Pin XLR Male
PHS-SB10L-U
Unterminated
Wire
(Color and Description)
4-Pin Female
XLR
5-Pin Male
XLR
Uncoated Shield (Mic Ground)
1
1
Brown (Mic +)
2
2
Orange (Speaker -)
3
3
Red (Speaker +)
4
4
Blue (Speaker +)
no connect
5
PHS-SB10L
Single-Ear Lightweight
Headset
Cable Pin Out


Similar Part No. - PHS-SB10L-4F

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
PHS-SB100 SOVICO-PHS-SB100 Datasheet
269Kb / 1P
SmartBoom® PRO Headset Product Specifications
PHS-SB100-4F SOVICO-PHS-SB100-4F Datasheet
269Kb / 1P
SmartBoom® PRO Headset Product Specifications
PHS-SB100-5M SOVICO-PHS-SB100-5M Datasheet
269Kb / 1P
SmartBoom® PRO Headset Product Specifications
PHS-SB100-U SOVICO-PHS-SB100-U Datasheet
269Kb / 1P
SmartBoom® PRO Headset Product Specifications
More results

Similar Description - PHS-SB10L-4F

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYLH-3528UXC-60-12V-LW FORYARD-FYLH-3528UXC-60-12V-LW Datasheet
1Mb / 4P
LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1008UWC-03-12-12V-W FORYARD-FYLM-1008UWC-03-12-12V-W Datasheet
1Mb / 4P
LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1044UXC-04-22-12V-W FORYARD-FYLM-1044UXC-04-22-12V-W Datasheet
997Kb / 4P
LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1134UXC-03-03-12V-W FORYARD-FYLM-1134UXC-03-03-12V-W Datasheet
1Mb / 4P
LED Strip Specifications PRODUCT SPECIFICATION
FYLM-1654UXC-04-07-12V-W FORYARD-FYLM-1654UXC-04-07-12V-W Datasheet
1Mb / 4P
LED Strip Specifications PRODUCT SPECIFICATION
logo
OptoSupply Internationa...
OS-OC013AAG4 OPTOSUPPLY-OS-OC013AAG4 Datasheet
344Kb / 3P
Product Specifications
OS-OC013ARG4 OPTOSUPPLY-OS-OC013ARG4 Datasheet
95Kb / 3P
Product Specifications
logo
Ferroxcube Internationa...
CP-P36-22-2S FERROXCUBE-CP-P36-22-2S Datasheet
80Kb / 2P
Product specifications
logo
NimbeLink Corp.
NL-AB-BBCL NIMBELINK-NL-AB-BBCL Datasheet
961Kb / 10P
Skywire ® BeagleBone Cape Lite
April 2017
logo
List of Unclassifed Man...
LCD10004BSPT ETC-LCD10004BSPT Datasheet
851Kb / 2P
PRODUCT SERIES SPECIFICATIONS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com