Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM6900GIS Datasheet(PDF) 2 Page - Champion Microelectronic Corp.

Part # CM6900GIS
Description  Resonant Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHAMP [Champion Microelectronic Corp.]
Direct Link  http://www.champion-micro.com
Logo CHAMP - Champion Microelectronic Corp.

CM6900GIS Datasheet(HTML) 2 Page - Champion Microelectronic Corp.

  CM6900GIS Datasheet HTML 1Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 2Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 3Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 4Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 5Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 6Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 7Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 8Page - Champion Microelectronic Corp. CM6900GIS Datasheet HTML 9Page - Champion Microelectronic Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CM6900G
Resonant Controller
2007/11/22 Rev1.0
Champion Microelectronic Corporation
Page 2
TYPICAL APPLCATION CIRCUIT
CT-UU-9.8
T5
4
3
1
2
D12
BAV99
C36
0.1uF/63V
D10 SCD14
Q17
SI4856ADY
Q16
SI4856ADY
5VSB
C47
0.1uF/63V
CN4
CN2.54-P6
1
2
3
4
5
6
1
2
3
4
5
6
CN2
CN2.54-P10
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
D11 SCD14
Q14
CMT08N50
C40
0.1uF/63V
+VDC
DRVH
C31
68nF/630V
ENABLE
R44
47KΩ
C41
0.1uF/63V
IPLIMIT
C30
100pF/1KV
24VSY NDRVL
HS3
HS
+12V
T4
ERL-35
9
1
2
10
13
14
11
12
15
16
+
C38
1000uF/16V
Q15
CMT60N06
L6
2uH/3A
CN3
CN2.54-P10
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
Q12
CMT08N50
+12V
C42
470nF/25V
L5
0.8uH/10A
24VSY NDRVH
C37
100pF/1KV
C35
0.1uF/63V
HS2
HS
+24V
C32
47nF/630V
DRVL
+24V
+24V
Lp(2.5mH)
24VSY NDRVL
R49
47KΩ
CN5
CN2.54-P6
1
2
3
4
5
6
1
2
3
4
5
6
L4
200uh/RM8
R50
330Ω 1/4W
DRVHGND
R43
10Ω
D13
BAV99
24VSY NDRVH
+
C33
1000uF/35V
R45 47KΩ
+
C34
1000uF/35V
R46
10Ω
R47 47KΩ
Q13
CMT60N06
+
C39
1000uF/16V
CN6
1
2
1
2
R67
NC
R52
4.7Ω 1/4W
12VS
+24V
12VS
T6
EE19
8
2
3
7
5
6
12VS
Q24
BC817
C56
0.1uF/25V
C51
1uF/16V
12VS
C52
104pF
R68
NC
+12V
R57
910Ω
C53
0.1uF/25V
D14
SCD12
R55
390Ω
VREF
Q25
BC807
24VSYNDRVL
DRVH
Q23
BC807
C44
2.2uF/63V
+
C43
100uF/25V
12VS
R73
39KΩ
VREF
Q18
BC817
C55
820pF/25VN
DRVL
R65
4.7KΩ
C49
470pF/25VN
R66
33KΩ
C50
10nF/25V
R70
100KΩ
DRVHGND
C54
0.1uF/25V
+12V
R53
6.8KΩ
Q20
BC807
R56
620Ω
R51
4.7Ω 1/4W
R63
150K
12VS
Q22
BC807
VREF
SD
Q19
BC817
24VSYNDRVH
R69
240KΩ
R64
6.8KΩ
Q21
BC817
U6
CM6900
15
1
2
3
4
14
13
7
8
9
12
11
5
16
6
10
VCC
Rset
VFB
FEAO
D_IN-
PRIDRV
PRIDRVB
CSS
Ilim
RT/CT
SRDRV
SRDRVB
D_IN+
VREF
DEAO
GND
12VS
IPLIMIT
R54
15K
R71
13KΩ
R72
1KΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com