Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWR-902 Datasheet(PDF) 1 Page - SOVICO corp.

Part # SWR-902
Description  Diversity Wireless System
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOVICO [SOVICO corp.]
Direct Link  http://sovico.co.kr/
Logo SOVICO - SOVICO corp.

SWR-902 Datasheet(HTML) 1 Page - SOVICO corp.

  SWR-902 Datasheet HTML 1Page - SOVICO corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SWR-902
T. 1600-7870 F. 02-2106-2856
경기도 양주시 권율로 1203번길 39-33
서울사무소(영업/AS). 서울시 서초구 남부순환로 2271-5
2020.01
※ 본 제품들의 사양은 제품보완을 통해 일부 변경될 수 있습니다.
Diversity Wireless System
사용주파수 대역
오디오 주파수특성
Oscillation Mode
Stability
수신 안테나 모드
감도
S/N Ratio
T.H.D
최대출력 레벨
외형
중량
925.000MHz~937.500MHz
50Hz~18KHz, Eqipped High-pass Filter Circuitry
PLL Synthesized
±0.005% (-10~50℃)
Diversity
S/N >80dB@10dBuVinput
>106dB(A)
<0.5%@1KHz
Mic-Level: -14dBV/47Ω, Line-level: -4dBV/5KΩ
440(W) X 44(H) X 164(D) mm
2.1kg
SWR-902(2채널)
신뢰성 높은 Diversity 회로를 사용함
104개 무선 채널내장
Sync 기능 적용으로 간편하게 무선 간섭 없는 채널 자동 설정
“Multi-Light LCD Display”적용으로 무선 사용 상태를 멀리서도 쉽게 확인이 가능
Dual“Pilot Tone & Noise-Lock”기술 적용으로 무선 간섭을 간소화
원터치 무선 스캔 기능으로 혼선 및 간섭 없는 무선 채널 자동 검색 기능을 제공
Key features
Drawing
Specifications
DATA SHEET
440
44
164


Similar Part No. - SWR-902

ManufacturerPart #DatasheetDescription
logo
SOVICO corp.
SWR-901 SOVICO-SWR-901 Datasheet
135Kb / 1P
Diversity Wireless System
More results

Similar Description - SWR-902

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
TE414 EXTECH-TE414 Datasheet
38Kb / 1P
Wireless Thermometer System
logo
Advantech Co., Ltd.
ARK-3384 ADVANTECH-ARK-3384 Datasheet
406Kb / 2P
Wireless, USB Port Compact System
logo
List of Unclassifed Man...
TGP-751 ETC2-TGP-751 Datasheet
1Mb / 35P
ThermoHarvesting Wireless Sensor System
logo
ON Semiconductor
SA3291 ONSEMI-SA3291_16 Datasheet
181Kb / 21P
Preconfigured Wireless DSP System
April, 2016 ??Rev. 8
logo
WALSIN TECHNOLOGY CORPO...
RFASWA630BTF09 WALSIN-RFASWA630BTF09 Datasheet
625Kb / 8P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWA630CTF09 WALSIN-RFASWA630CTF09 Datasheet
624Kb / 8P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWDH2418BTF06 WALSIN-RFASWDH2418BTF06 Datasheet
604Kb / 8P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWE660DTF03 WALSIN-RFASWE660DTF03 Datasheet
676Kb / 14P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWF662DTF03 WALSIN-RFASWF662DTF03 Datasheet
686Kb / 14P
Any 2G/3G/4G Antenna Diversity For Receive System
RFASWH656FTF03 WALSIN-RFASWH656FTF03 Datasheet
678Kb / 14P
Any 2G/3G/4G Antenna Diversity For Receive System
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com