Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC620 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC620
Description  GaAs MMIC I/Q MIXER 3 - 7 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC620 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC620 Datasheet HTML 1Page - Hittite Microwave Corporation HMC620 Datasheet HTML 2Page - Hittite Microwave Corporation HMC620 Datasheet HTML 3Page - Hittite Microwave Corporation HMC620 Datasheet HTML 4Page - Hittite Microwave Corporation HMC620 Datasheet HTML 5Page - Hittite Microwave Corporation HMC620 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3
3 - 157
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
Image Rejection vs. Temperature
Conversion Gain vs. LO Drive
Return Loss
Data taken As IRM With External IF 90˚ Hybrid
Input P1dB vs. Temperature
Input IP3 vs. LO Drive
-20
-15
-10
-5
0
2.5
3.5
4.5
5.5
6.5
7.5
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
5
10
15
20
25
30
2.5
3.5
4.5
5.5
6.5
7.5
LO = +11 dBm
LO = +15 dBm
LO = +19 dBm
RF FREQUENCY (GHz)
6
8
10
12
14
16
18
20
2.5
3.5
4.5
5.5
6.5
7.5
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
2.5
3.5
4.5
5.5
6.5
7.5
+25 C
+85 C
-55 C
RF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.5
3.5
4.5
5.5
6.5
7.5
+11 dBm
+13 dBm
+15 dBm
+17 dBm
RF FREQUENCY (GHz)
-30
-25
-20
-15
-10
-5
0
2.5
3.5
4.5
5.5
6.5
7.5
RF
LO
FREQUENCY (GHz)
HMC620
v01.1007
GaAs MMIC I/Q MIXER
3 - 7 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com