Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MX23C8100 Datasheet(PDF) 2 Page - Macronix International

Part # MX23C8100
Description  8M-BIT MASK ROM (8/16 BIT OUTPUT)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX23C8100 Datasheet(HTML) 2 Page - Macronix International

  MX23C8100 Datasheet HTML 1Page - Macronix International MX23C8100 Datasheet HTML 2Page - Macronix International MX23C8100 Datasheet HTML 3Page - Macronix International MX23C8100 Datasheet HTML 4Page - Macronix International MX23C8100 Datasheet HTML 5Page - Macronix International MX23C8100 Datasheet HTML 6Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
P/N:PM0138
REV. 4.2, SEP. 01, 1997
MX23C8100
ABSOLUTE MAXIMUM RATINGS
Item
Symbol
Ratings
Voltage on any Pin Relative to VSS
VCC
-0.5V to 7.0V
Ambient Operating Temperature
Topr
0°C to 70°C
Storage Temperature
Tstg
-65°C to 125°C
BLOCK DIAGRAM
MODE SELECTION
CE/CE
OE/OE
Byte
D15/A-1
D0~D7
D8~D15
Mode
Power
L/H
X
X
X
High Z
High Z
-
Stand-by
H/L
L/H
X
X
High Z
High Z
-
Active
H/L
H/L
H
Output
D0~D7
D8~D15
Word
Active
H/L
H/L
L
Input
D0~D7
High Z
Byte
Active
Note: minimum DC voltage on input or I/O pins is -0.5V. Dur-
ing voltage transitions, inputs may undershoot VSS to -1.3V
for periods of up to 20ns. Maximum DC voltage on input or I/
O pins is VCC+0.5V. During voltage transitions, input may
overshoot VCC to VCC+2.0V for periods of up to 20ns.
Address
Buffer
Memory
Array
Sense
Amplifier
Word/
Byte
Output
Buffer
D0
D15/(D7)
A0/(A-1)
A18
CE
BYTE
OE
INDEX



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com