Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP19A43FD Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TMP19A43FD
Description  32-bit RISC Microprocessor
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP19A43FD Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TMP19A43FD Datasheet HTML 5Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 6Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 7Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 8Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 9Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 10Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 11Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 12Page - Toshiba Semiconductor TMP19A43FD Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 105 page
background image
TMP19A43
TMP19A43 (rev2.0) 2-4
Pin Layout and Pin Functions
Table 2-3
Pin Names and Functions (2 of 6)
Pin name
Number
of pins
Input or
output
Function
P43
1
Input/output
Port 43: Input/output port (with pull-up)
CS3
Output
Chip select 3: "0" is output if the address is in a designated address area.
KEY27
Input
KEY on wake up input 27: (Dynamic pull up is selectable)
Input with Schmitt trigger
with Noise filter
P44
1
Input/output
Port 44: Input/output port (with pull-up)
SCOUT
Output
System clock output: Selectable between high- and low-speed clock outputs, as in the case of
CPU
P45
1
Input/output
Port 45: Input/output port (with pull-up)
BUSMD
Input
Pin for setting an external bus mode: This pin functions as a multiplexed bus by sampling the
"H (DVCC3) level" at the rise of a reset signal. It also functions as a separate bus by sampling
"L" at the rise of a reset signal. When performing a reset operation, pull it up or down
according to a bus mode to be used. Input with Schmitt trigger.
(After a reset operation is performed, it can be used as a port.)
P46
1
Input/output
Port 46: Input/output port (with pull-up)
ENDIAN
Input
This pin is used to set a mode. It performs a big-endian operation by sampling the "H
(DVCC3) level" at the rise of a reset signal, and performs a little-endian operation by sampling
"L" at the rise of a reset signal. When performing a reset operation, pull it up or down
according to the type of endian to be used.
(After a reset operation is performed, it can be used as a port.) Input with Schmitt trigger
P47
1
Input/output
Port 47: Input/output port (with pull-up)
TBFOUT
Output
16-bit timer F output: Pin for outputting a 16-bit timer F
P50-P53
4
Input/output
Port 5: Input/output port (with pull-up) that allows input/output to be set in units of bits
A0-A3
Output
Address: Address buses 0 to 3 (separate bus mode)
INTC-INTF
Input
Interrupt request pins C to F: Selectable between "H" level, "L" level, rising edge, and falling
edge
Input pin with Schmitt trigger
with Noise filter
P54,P55
2
Input/output
Port 5: Input/output port (with pull-up) that allows input/output to be set in units of bits
A4,A5
Output
Address: Address buses 4 and 5 (separate bus mode)
TB0OUT
Output
16-bit timer 0 output: Pin for outputting a 16-bit timer 0
TB1OUT
Output
16-bit timer 1 output: Pin for outputting a 16-bit timer 1
P56,P57
2
Input/output
Port 5: Input/output port (with pull-up) that allows input/output to be set in units of bits
A6,A7
Output
Address: Address buses 6 and 7 (separate bus mode)
TB2OUT
Output
16-bit timer 2 output: Pin for outputting a 16-bit timer 2
TB3OUT
Output
16-bit timer 3 output: Pin for outputting a 16-bit timer 3
KEY28,KEY29
Input
KEY on wake up input 28 and 29: (Dynamic pull up is selectable) Input pin with Schmitt
trigger
with Noise filter
P60
1
Input/output
Port 60: Input/output port (with pull-up)
A8
Output
Address: Address bus 8 (separate bus mode)
TXD0
Output
Sending serial data 0: Open drain output pin depending on the program used
P61
1
Input/output
Port 61: Input/output port (with pull-up)
A9
Output
Address: Address bus 9 (separate bus mode)
RXD0
Input
Receiving serial data 0
INTA
Input
Interrupt request pin A: Selectable between "H" level, "L" level, rising edge, falling edge, and
both rising and falling edges.
Input pin with Schmitt trigger
with Noise filter
P62
1
Input/output
Port 62: Input/output port (with pull-up)
A10
Output
Address: Address bus 10 (separate bus mode)
SCLK0
Input/output
Serial clock input/output 0
CTS0
Input
Handshake input pin
Open drain output pin depending on the program used
P63
1
Input/output
Port 63: Input/output port (with pull-up)
A11
Output
Address: Address bus 11 (separate bus mode)
TXD1
Output
Sending serial data 1: Open drain output pin depending on the program used
P64
1
Input/output
Port 64: Input/output port (with pull-up)
A12
Output
Address: Address bus 12 (separate bus mode)
RXD1
Input
Receiving serial data 1
INTB
Input
Interrupt request pin B: Selectable between "H" level, "L" level, rising edge, falling edge, and
both rising and falling edges.
Input pin with Schmitt trigger
with Noise filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com