Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLWH1100 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLWH1100
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLWH1100 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLWH1100 Datasheet HTML 1Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 2Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 3Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 4Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 5Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 6Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 7Page - Toshiba Semiconductor TLWH1100 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLWH1100(T11)
2007-10-01
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Forward Voltage
VF
IF = 20 mA
⎯
3.5
4.2
V
Reverse Voltage
VR
IR = 10 mA
⎯
0.75
⎯
V
Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test condition
Min.
Typ.
Max.
Unit
Cx
IF = 20 mA
(Note 2)
⎯
Chromaticity
Cy
IF = 20 mA
(Note 2)
⎯
Luminous Intensity
(Note 3)
IV
IF = 20 mA
250
450
1250
mcd
Note 2: The product is tested at the following chromaticity coordinate groups.
Note 3: Iv rank classification
Test conditions: IF=20mA, Ta=25°C
Luminous intensity IV
Product name
min
typ
max
IF
TLWH1100(T11)
250
450
1250
TA
250
⎯
500
UA
400
⎯
800
VA
630
⎯
1250
20
Unit
mcd
mA
The specification on the above table is used for Iv classification of LEDs in Toshiba facility.
Each reel includes the same rank LEDs. Let the delivery ratio of each rank be unquestioned.
Note 4: Ultraviolet light luminescence
This white LED lamp also emits some UV light. (Around 360~400nm)
When this LED lamp is used for general indicator, it is no problem. However the LED is not
recommended for the following applications.
(1) Prohibition
- Human eye is damaged by the condensed light. (Ex. microscope, outer lens, etc)
(2) Notice
- LED is located at near a skin (the distance is less than 20mm), and exposure time is more than 60 min.
- Photosensitive material is used with this LED in a set. It might be damaged by the light.
Note 5: Do not break, cut or pulverize the product.
Note 6: This product is designed as a general display light source usage, and it has applied the measurement
standard that matched with the sensitivity of human's eyes. Therefore, it is not intended for usage of
functional application (ex. Light source for sensor, optical communication and etc) except general display
light source.
Cx
0.25
0.29
0.30
0.31
0.37
0.32
0.33
0.34
0.35
0.36
0.39
0.37
0.35
0.33
0.31
0.29
0.27
C1
Tolerance:
± 0.01
C2
D1
D2
E1
E2
Cx
Cy
Cx
Cy
0.303
0.275
0.303
0.290
0.303
0.310
0.303
0.325
0.290
0.310
0.315
0.325
0.290
0.275
0.315
0.290
0.315
0.300
0.328
0.315
0.315
0.335
0.328
0.350
0.328
0.335
0.340
0.350
0.328
0.300
0.340
0.315
0.340
0.335
0.353
0.345
0.340
0.370
0.353
0.380
0.353
0.370
0.365
0.380
0.353
0.335
0.365
0.345
E1
E2
C1
C2
D1
D2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com