Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WG04FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7WG04FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WG04FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WG04FU Datasheet HTML 1Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 2Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 3Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 4Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 5Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 6Page - Toshiba Semiconductor TC7WG04FU Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WG04FU/FK
2007-11-01
4
AC Characteristics (Input: tr = tf = 3 ns)
Ta
= 25°C
Ta
= −40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
0.9
⎯
24.4
⎯
⎯
⎯
1.1~1.3
⎯
11.6
21.7
1.0
40.5
1.4~1.6
⎯
6.5
9.8
1.0
11.6
1.65~ 1.95
⎯
4.9
7.0
1.0
7.6
2.3~2.7
⎯
3.2
4.4
1.0
4.9
CL = 10 pF,
RL = 1 MΩ
3.0~3.6
⎯
2.4
3.5
1.0
4.1
0.9
⎯
26.9
⎯
⎯
⎯
1.1~1.3
⎯
12.7
24.2
1.0
42.1
1.4~1.6
⎯
7.1
10.7
1.0
12.9
1.65~ 1.95
⎯
5.3
7.5
1.0
7.7
2.3~2.7
⎯
3.5
4.8
1.0
5.5
CL = 15 pF,
RL = 1 MΩ
3.0~3.6
⎯
2.7
3.8
1.0
4.4
0.9
⎯
37.0
⎯
⎯
⎯
1.1~1.3
⎯
17.1
33.9
1.0
64.1
1.4~1.6
⎯
9.3
14.3
1.0
17.4
1.65~ 1.95
⎯
6.9
9.8
1.0
10.2
2.3~2.7
⎯
4.6
6.2
1.0
6.6
Propagation delay time
tpLH
tpHL
CL = 30 pF,
RL = 1 MΩ
3.0~3.6
⎯
3.7
4.8
1.0
5.2
ns
Input capacitance
CIN
⎯
3.6
⎯
3
⎯
⎯
⎯
pF
Power dissipation capacitance
CPD
(Note 13)
0.9 ~ 3.6
⎯
10
⎯
⎯
⎯
pF
Note 13: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC/3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com