Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WH02FC Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7WH02FC
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH02FC Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7WH02FC Datasheet HTML 1Page - Toshiba Semiconductor TC7WH02FC Datasheet HTML 2Page - Toshiba Semiconductor TC7WH02FC Datasheet HTML 3Page - Toshiba Semiconductor TC7WH02FC Datasheet HTML 4Page - Toshiba Semiconductor TC7WH02FC Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TC7WH02FC
2007-11-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7WH02FC
Dual 2-Input NOR Gate
Features
• High-speed
:tpd = 3.6ns (Typ.) at VCC = 5 V
• Low power dissipation
:ICC=2μA(Max.) at Ta=25°C
• High noise immunity
:VNIH=VNIL=28%VCC(Min.)
• Operation voltage range
:VCC(opr.)=2~5.5V
• 5.5-V Tolerant inputs.
Marking
Absolute Maximum Ratings ( Ta = 25°C )
Characteristics
Symbol
Ratingh
Unit
Power supply viltage
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5 (Note1)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
(Note2)
mA
DC output current
IOUT
±25
mA
DC VCC/GND current
ICC
±50
mA
Power dissipation
PD
150
(Note3) mW
Storage temperature
Tstg
−65~150
°C
Note:
Using continuously under heavy loads (e.g. the application of
high temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure
rate, etc).
Note1 : High or Low State.
IOUT absolute maximum rating must be observed.
Note2 : VOUT < GND , VOUT > VCC
Note3 : Mounted on an FR4 board.
(25.4 mm
× 25.4 mm × 1.6 t, Cu Pad: 11.56 mm
2
)
Pin Assignment (top view)
Truth Table
Inputs
Outputs
A
B
Y
L
L
H
L
H
L
H
L
L
H
H
L
IEC Logic Diagram
TC7WH02FC
CSON8-P-0.4
Weight: 0.002g (typ.)
1A
> 1
1Y
> 1
1B
2A
2B
2Y
H02
Product name
1
2
3
4
8
7
6
5
1A
1B
2Y
GND
1Y
2B
2A
Vcc


Similar Part No. - TC7WH02FC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH02FK TOSHIBA-TC7WH02FK Datasheet
195Kb / 6P
DUAL 2-INPUT NOR GATE
28-May-1998
TC7WH02FK TOSHIBA-TC7WH02FK Datasheet
228Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WH02FK TOSHIBA-TC7WH02FK_09 Datasheet
200Kb / 7P
Dual 2-Input NOR Gate
TC7WH02FU TOSHIBA-TC7WH02FU Datasheet
195Kb / 6P
DUAL 2-INPUT NOR GATE
28-May-1998
TC7WH02FU TOSHIBA-TC7WH02FU Datasheet
228Kb / 7P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC7WH02FC

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC7WG02FC TOSHIBA-TC7WG02FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WZ02FU TOSHIBA-TC7WZ02FU Datasheet
194Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74ACT02P TOSHIBA-TC74ACT02P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC02AP TOSHIBA-TC74HC02AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74HC4002AP TOSHIBA-TC74HC4002AP_07 Datasheet
211Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 4-Input NOR Gate
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com