Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7WH34FU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7WH34FU
Description  CMOS Digital Integrated Circuit Silicon Monolithic Triple Non-Inverter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WH34FU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7WH34FU_07 Datasheet HTML 1Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 2Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 3Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 4Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 5Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 6Page - Toshiba Semiconductor TC7WH34FU_07 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7WH34FU/FK
2007-11-01
2
Logic Diagram
Truth Table
A
Y
L
L
H
H
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Supply voltage range
VCC
−0.5~7.0
V
DC input voltage
VIN
−0.5~7.0
V
DC output voltage
VOUT
−0.5~VCC + 0.5
V
Input diode current
IIK
−20
mA
Output diode current
IOK
±20
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
300 (TC7WH34FU)
Power dissipation
PD
200 (TC7WH34FK)
mW
Storage temperature
Tstg
−65~150
°C
Lead temperature (10 s)
TL
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0~5.5
V
Input voltage
VIN
0~5.5
V
Output voltage
VOUT
0~VCC
V
Operating temperature
Topr
−40~85
°C
0~100 (VCC = 3.3 ± 0.3 V)
Input rise and fall time
dt/dv
0~20 (VCC = 5 ± 0.5 V)
ns/V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com