Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9WMB1AFK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC9WMB1AFK
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9WMB1AFK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC9WMB1AFK Datasheet HTML 1Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 2Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 3Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 4Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 5Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 6Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 7Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 8Page - Toshiba Semiconductor TC9WMB1AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TC9WMB1AFK/FU,TC9WMB2AFK/FU
2007-10-19
2
Block Diagram
Pin Function
Pin Name
Input/Output
Description
SCL
Input
Serial clock input
Data is latched on the rising edge of SCL and transferred the falling edge of SCL.
SDA
Input/output
Serial input/output
This pin must be pulled up with a resistor because it is configured as an N-ch
open-drain pin for output.
WP
Input
Write protection input
A high on this input disables writing. A low on this input enables writing.
A0, A1, A2
Input
Address input
This pin is used to configure the slave address.
VCC
1.8 to 3.6 V (for reading)
2.3 to 3.6 V (for writing)
GND
Power supply
0 V (GND)
Control
circuit
Power supply
(booster circuit)
Memory cell
Data register
Timing
generator
Address
register
Address inputs
Input/Output
circuit
VCC Power supply
Write protection input
WP
GND Ground
Command
register
Serial input/output
SDA
Serial clock input
SCL
Address
decoder
A0 A1 A2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com