Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CUS01 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # CUS01
Description  Portable Equipment Battery Application
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

CUS01 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  CUS01 Datasheet HTML 1Page - Toshiba Semiconductor CUS01 Datasheet HTML 2Page - Toshiba Semiconductor CUS01 Datasheet HTML 3Page - Toshiba Semiconductor CUS01 Datasheet HTML 4Page - Toshiba Semiconductor CUS01 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CUS01
2006-11-13
4
Number of cycles
Surge forward current (non-repetitive)
Reverse voltage VR (V)
Cj – VR
(typ.)
Junction temperature Tj (°C)
IR – Tj
(typ.)
Reverse voltage VR (V)
PR (AV) – VR
(typ.)
0
1
Ta = 25°C
f = 50 Hz
24
10
100
20
16
12
8
4
1000
10
1
f = 1 MHz
Ta = 25°C
10
100
100
15 V
20 V
VR = 30 V
Pulse test
0.01
0
100
1
0.1
10
5 V
3 V
10 V
0
40
100
140
20
80
120
60
2.5
0.0
0
10
20
30
2.0
1.0
0.5
1.5
120°
60°
180°
300°
240°
DC
Rectangular
waveform
α
0°
360°
Conduction
angle: α
Tj = 125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com