Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF2S5.6FS Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # DF2S5.6FS
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF2S5.6FS Datasheet(HTML) 1 Page - Toshiba Semiconductor

  DF2S5.6FS Datasheet HTML 1Page - Toshiba Semiconductor DF2S5.6FS Datasheet HTML 2Page - Toshiba Semiconductor DF2S5.6FS Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DF2S5.6FS
2007-11-01
1
TOSHIBA Diodes for Protecting against ESD Epitaxial Planar Type
DF2S5.6FS
Product for Use Only as Protection against Electrostatic
Discharge (ESD)
* This product is for protection against electrostatic discharge (ESD)
only and is not intended for any other usage, including without
limitation, the constant voltage diode application.
2terminal ultra small package suitable for mounting on small space.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Power dissipation
P
150*
mW
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate, etc).
*: Mounted on a glass epoxy circuit board of 20 × 20 mm, pad dimension of 4 × 4 mm.
Pad Dimension(Reference)Unit : mm
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Zener voltage
VZ
IZ = 5mA
5.3
5.6
6.0
V
Dynamic impedance
ZZ
IZ = 5mA
―
―
30
Ω
Reverse current
IR
VR = 3.5V
―
―
1
μA
Total capacitance
CT
VR = 0 V, f = 1 MHz
―
40
―
pF
Unit: mm
0.6±0.05
0.2
±0.05
0.07M
A
A
0.48+0.02
-0.03
0.1±0.05
fSC
JEDEC
⎯
JEITA
⎯
TOSHIBA
1-1L1A
Weight: 0.0006 g (typ.)
0.21
0.26
0.85


Similar Part No. - DF2S5.6FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S5.6ASL TOSHIBA-DF2S5.6ASL Datasheet
334Kb / 8P
ESD Protection Diodes Silicon Epitaxial Planar
2015-12-11 Rev.1.0
DF2S5.6CT TOSHIBA-DF2S5.6CT Datasheet
148Kb / 6P
ESD Protection Diodes Silicon Epitaxial Planar
2014-04-15 Rev.4.0
DF2S5.6S TOSHIBA-DF2S5.6S Datasheet
119Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results

Similar Description - DF2S5.6FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
DF2S12S TOSHIBA-DF2S12S Datasheet
161Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF2S16S TOSHIBA-DF2S16S Datasheet
139Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A3.6FV TOSHIBA-DF3A3.6FV Datasheet
130Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6FU TOSHIBA-DF3A5.6FU Datasheet
154Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A5.6LFE TOSHIBA-DF3A5.6LFE Datasheet
137Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.2LFE TOSHIBA-DF3A6.2LFE Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A6.8FV TOSHIBA-DF3A6.8FV Datasheet
144Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF3A8.2LFV TOSHIBA-DF3A8.2LFV Datasheet
131Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD)
DF5A6.2CFU TOSHIBA-DF5A6.2CFU Datasheet
165Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
DF5A6.2FU TOSHIBA-DF5A6.2FU Datasheet
162Kb / 3P
Product for Use Only as Protection against Electrostatic Discharge (ESD).
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com