Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC32FN Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74AC32FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input OR Gate
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC32FN Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74AC32FN Datasheet HTML 1Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 2Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 3Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 4Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 5Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 6Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 7Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 8Page - Toshiba Semiconductor TC74AC32FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TC74AC32P/F/FN/FT
2007-10-01
3
Operating Ranges (Note)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to VCC
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 100 (VCC = 3.3 ± 0.3 V)
0 to 20 (VCC = 5 ± 0.5 V)
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Electrical Characteristics
DC Characteristics
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
Test Condition
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
―
2.0
3.0
5.5
1.50
2.10
3.85
―
―
―
―
―
―
1.50
2.10
3.85
―
―
―
V
Low-level input
voltage
VIL
―
2.0
3.0
5.5
―
―
―
―
―
―
0.50
0.90
1.65
―
―
―
0.50
0.90
1.65
V
IOH = −50 μA
2.0
3.0
4.5
1.9
2.9
4.4
2.0
3.0
4.5
―
―
―
1.9
2.9
4.4
―
―
―
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −4 mA
IOH = −24 mA
IOH = −75 mA (Note)
3.0
4.5
5.5
2.58
3.94
―
―
―
―
―
―
―
2.48
3.80
3.85
―
―
―
V
IOL = 50 μA
2.0
3.0
4.5
―
―
―
0.0
0.0
0.0
0.1
0.1
0.1
―
―
―
0.1
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIL
IOL = 12 mA
IOL = 24 mA
IOL = 75 mA
(Note)
3.0
4.5
5.5
―
―
―
―
―
―
0.36
0.36
―
―
―
―
0.44
0.44
1.65
V
Input leakage
current
IIN
VIN = VCC or GND
5.5
―
―
±0.1
―
±1.0
μA
Quiescent supply
current
ICC
VIN = VCC or GND
5.5
―
―
4.0
―
40.0
μA
Note:
This spec indicates the capability of driving 50 Ω transmission lines.
One output should be tested at a time for a 10 ms maximum duration.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com