Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF3A6.2FE Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # DF3A6.2FE
Description  Product for Use Only as Protection against Electrostatic Discharge (ESD).
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

DF3A6.2FE Datasheet(HTML) 2 Page - Toshiba Semiconductor

  DF3A6.2FE Datasheet HTML 1Page - Toshiba Semiconductor DF3A6.2FE Datasheet HTML 2Page - Toshiba Semiconductor DF3A6.2FE Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DF3A6.2FE
2007-11-01
2
Marking
Equivalent Circuit (top view)
IZ - VZ
0
0
0
1
10
100
0
12
345
67
89
10
0.01
Ta=25°C
0.1
0.001
ZENER VOLTAGE VZ (V)
CT - VR
10
100
02
46
8
Ta=25°C
f=1MHz
REVERSE VOLTAGE VR (V)
6.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com