Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74AC161P Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74AC161P
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74AC161P Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74AC161P Datasheet HTML 5Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 6Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 7Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 8Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 9Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 10Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 11Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 12Page - Toshiba Semiconductor TC74AC161P Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC74AC161,163P/F/FN/FT
2007-10-01
9
Switching Characteristics Test Waveform
Figure 1 Count Mode
Figure 4 Clear Mode (TC74AC161)
CK
50%
twH
twL
VCC
GND
50%
VOH
VOL
tpHL
50%
50%
tpLH
Q,
Carry
CLR
50%
twL
VCC
GND
VOH
VOL
trem
50%
0.5 VCC
tpHL
CK
Q,
Carry
VCC
GND
Figure 2 Preset Mode
Figure 5 Clear Mode (TC74AC163)
LOAD
50%
ts
VCC
GND
th
50%
ts
th
50%
ts
th
50%
A to D
tpLH, tpHL
50%
VCC
GND
CK
VOH
VOL
Q,
Carry
0.5 VCC
CLR
50%
VCC
GND
VOH
VOL
50%
CK
Q,
Carry
VCC
GND
50%
ts
th
ENP,
ENT
50%
ts
VCC
GND
th
50%
ts
th
CK
Q
VOH
VOL
VOH
VOL
ENT
VCC
GND
VCC
GND
50%
50%
50%
50%
Carry
0.5
VCC
0.5 VCC
tpLH
tpHL
Figure 3 Count Enable Mode
Figure 6 Cascade Mode
(fix maximum count)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com