Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP3021 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP3021
Description  OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP3021 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP3021 Datasheet HTML 1Page - Toshiba Semiconductor TLP3021 Datasheet HTML 2Page - Toshiba Semiconductor TLP3021 Datasheet HTML 3Page - Toshiba Semiconductor TLP3021 Datasheet HTML 4Page - Toshiba Semiconductor TLP3021 Datasheet HTML 5Page - Toshiba Semiconductor TLP3021 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP3021(S),TLP3022(S),TLP3023(S)
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021(S),TLP3022(S),TLP3023(S)
OFFICE MACHINE
HOUSEHOLD USE EQUIPMENT
TRIAC DRIVER
SOLID STATE RELAY
The TOSHIBA TLP3021 (S), TLP3022 (S) and TLP3023 (S) consist of
photo-triac optically coupled to a gallium arsenide infrared emitting diode
in a six lead plastic DIP.
Peak Off-State Voltage
: 400 V (min)
Trigger LED Current
: 15 mA (max) (TLP3021(S))
10 mA (max) (TLP3022(S))
5 mA (max) (TLP3023(S))
On-State Current
: 100 mA (max)
Isolation Voltage
: 5000Vrms(Min)
UL Recognized
: UL1577,File No.E67349
SEMKO Approved
: SS EN60065
SS EN60950, File No.9841105
BSI Approved
: BS EN60065, File No.8385
BS EN60950, File No.8386
Option (D4) type
VDE approved: DIN EN60747-5-2
Approved No. 40009302
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note):When a EN60747-5-2 approved type is needed,
please designate the "Option (D4)"
Construction Mechanical Rating
7.62 mm pich
Standard Type
10.16 mm pich
TLPxxxxF Type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (Min)
7.0 mm (Min)
0.5 mm (Min)
8.0 mm (Min)
8.0 mm (Min)
0.5 mm (Min)
JEDEC
―
EIAJ
―
TOSHIBA
11-7A9
Weight : 0.39g
Unit: mm
1: Anode
2: Csthode
3: N.C.
4:Terminal 1
6:Terminal 2
1
2
3
4
6
Pin Configuration
(top view)


Similar Part No. - TLP3021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3021 TOSHIBA-TLP3021 Datasheet
184Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021 TOSHIBA-TLP3021 Datasheet
313Kb / 6P
TOSHIBA PHOTOCOUPLER GaAs IRED & PHOTO-TRIAC
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021FS TOSHIBA-TLP3021FS Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results

Similar Description - TLP3021

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP3051 TOSHIBA-TLP3051 Datasheet
165Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP762J TOSHIBA-TLP762J Datasheet
231Kb / 5P
OFFICE MACHINE HOUSEHOLD USE EQUPMINT TRIAC DRIVER SOLID STATE RELAY
TLP762JF TOSHIBA-TLP762JF Datasheet
120Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP665G TOSHIBA-TLP665G Datasheet
144Kb / 6P
Office Machine Household Use Equipment Triac Driver Solid State Relay
TLP3061 TOSHIBA-TLP3061_07 Datasheet
156Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3061F TOSHIBA-TLP3061F_07 Datasheet
97Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3051 TOSHIBA-TLP3051_07 Datasheet
224Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVERSOLID STATE RELAY
TLP3041 TOSHIBA-TLP3041_07 Datasheet
551Kb / 6P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3041F TOSHIBA-TLP3041F Datasheet
102Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
TLP3021F TOSHIBA-TLP3021F Datasheet
101Kb / 2P
OFFICE MACHINE HOUSEHOLD USE EQUIPMENT TRIAC DRIVER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com