Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPM-2C Datasheet(PDF) 2 Page - Same Sky Devices

Part # CPM-2C
Description  PELTIER COOLING UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

CPM-2C Datasheet(HTML) 2 Page - Same Sky Devices

  CPM-2C Datasheet HTML 1Page - Same Sky Devices CPM-2C Datasheet HTML 2Page - Same Sky Devices CPM-2C Datasheet HTML 3Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SAME SKY | MODEL: CPM-2C | DESCRIPTION: PELTIER COOLING UNIT
date 09/12/2024 | page 2 of 3
sameskydevices.com
CPM-2C PERFORMANCE (Th=50°C)
MECHANICAL
parameter
conditions/description
min
typ
max
units
weight
220
g
cooling medium
aluminum
heat radiation medium
aluminum
MECHANICAL DRAWING
A-A
units: mm
tolerance: ±0.3 mm
wire: 18 AWG
connector: SVH-21T-P1.1
housing: JST VHR-2N
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com