Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC21 Datasheet(PDF) 7 Page - Solid State Inc

Part # 74HC21
Description  Dual 4-input AND gate
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC21 Datasheet(HTML) 7 Page - Solid State Inc

Back Button 74HC21 Datasheet HTML 3Page - Solid State Inc 74HC21 Datasheet HTML 4Page - Solid State Inc 74HC21 Datasheet HTML 5Page - Solid State Inc 74HC21 Datasheet HTML 6Page - Solid State Inc 74HC21 Datasheet HTML 7Page - Solid State Inc 74HC21 Datasheet HTML 8Page - Solid State Inc 74HC21 Datasheet HTML 9Page - Solid State Inc 74HC21 Datasheet HTML 10Page - Solid State Inc 74HC21 Datasheet HTML 11Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
74HC21
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 30 November 2015
7 of 14
NXP Semiconductors
74HC21
Dual 4-input AND gate
Test data is given in Table 9.
Definitions test circuit:
RT = termination resistance should be equal to output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig 8.
Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC21
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com