Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC75 Datasheet(PDF) 13 Page - Solid State Inc

Part # 74HC75
Description  Quad bistable transparant latch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74HC75 Datasheet(HTML) 13 Page - Solid State Inc

Back Button 74HC75 Datasheet HTML 9Page - Solid State Inc 74HC75 Datasheet HTML 10Page - Solid State Inc 74HC75 Datasheet HTML 11Page - Solid State Inc 74HC75 Datasheet HTML 12Page - Solid State Inc 74HC75 Datasheet HTML 13Page - Solid State Inc 74HC75 Datasheet HTML 14Page - Solid State Inc 74HC75 Datasheet HTML 15Page - Solid State Inc 74HC75 Datasheet HTML 16Page - Solid State Inc 74HC75 Datasheet HTML 17Page - Solid State Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
9397 750 13816
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Product data sheet
Rev. 03 — 12 November 2004
13 of 20
Philips Semiconductors
74HC75
Quad bistable transparant latch
VM = 0.5 × VI.
Fig 9.
Waveforms showing the latch enable input (LEnn) pulse width, the latch enable
input to outputs (nQ, nQ) propagation delays and the output transition times
Test data is given in Table 9.
Definitions for test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
Fig 10. Load circuitry for switching times
Table 9:
Test data
Supply
Input
Load
VCC
VI
tr, tf
CL
2.0 V
VCC
6 ns
50 pF
4.5 V
VCC
6 ns
50 pF
6.0 V
VCC
6 ns
50 pF
5.0 V
VCC
6 ns
15 pF
nD input
LEnn input
nQ output
nQ output
tW
VM
VM
VM
001aab857
tPHL
tPLH
tTHL
tTLH
tTHL
tPLH
tPHL
tTLH
mna101
VCC
VI
VO
RT
CL
PULSE
GENERATOR
D.U.T.
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com