Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008S-E Datasheet(PDF) 19 Page - STMicroelectronics

Part # PD54008S-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008S-E Datasheet(HTML) 19 Page - STMicroelectronics

Back Button PD54008S-E Datasheet HTML 15Page - STMicroelectronics PD54008S-E Datasheet HTML 16Page - STMicroelectronics PD54008S-E Datasheet HTML 17Page - STMicroelectronics PD54008S-E Datasheet HTML 18Page - STMicroelectronics PD54008S-E Datasheet HTML 19Page - STMicroelectronics PD54008S-E Datasheet HTML 20Page - STMicroelectronics PD54008S-E Datasheet HTML 21Page - STMicroelectronics PD54008S-E Datasheet HTML 22Page - STMicroelectronics PD54008S-E Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PD54008-E, PD54008S-E
Common source s-parameter
19/28
7.4
PD54008 (VDS = 7.5V IDS = 150mA)
Table 12.
S-parameter
FREQ
IS11IS11
∠Φ
IS21IS21
∠Φ
IS12IS12
∠Φ
IS22IS22
∠Φ
(MHz)
50
0.771
-164
7.80
86
0.036
-4
0.773
-164
100
0.819
-170
3.81
75
0.034
-14
0.786
-170
150
0.850
-172
2.47
65
0.033
-21
0.800
-171
200
0.865
-174
1.76
57
0.030
-28
0.826
-172
250
0.881
-175
1.32
50
0.028
-35
0.847
-172
300
0.896
-176
1.03
43
0.025
-39
0.867
-173
350
0.909
-176
0.82
38
0.023
-43
0.886
-174
400
0.921
-177
0.67
33
0.021
-46
0.897
-175
450
0.930
-178
0.56
29
0.018
-51
0.912
-176
500
0.939
-179
0.47
24
0.016
-52
0.924
-177
550
0.944
179
0.40
21
0.014
-53
0.930
-178
600
0.952
179
0.35
18
0.013
-56
0.938
-179
650
0.956
178
0.30
15
0.011
-55
0.943
180
700
0.960
177
0.27
13
0.009
-54
0.949
179
750
0.961
176
0.24
10
0.008
-54
0.952
179
800
0.963
175
0.21
8
0.007
-51
0.955
178
850
0.966
174
0.19
6
0.006
-49
0.960
177
900
0.967
174
0.17
4
0.004
-34
0.964
176
950
0.968
173
0.16
3
0.004
-34
0.964
175
1000
0.969
172
0.14
1
0.003
-28
0.962
175
1050
0.972
171
0.13
0
0.003
-6
0.969
174
1100
0.970
171
0.12
-1
0.002
7
0.967
173
1150
0.969
170
0.11
-2
0.003
25
0.963
173
1200
0.971
169
0.10
-3
0.003
49
0.966
172
1250
0.970
169
0.10
-4
0.005
58
0.969
172
1300
0.970
168
0.09
-5
0.005
61
0.969
171
1350
0.970
167
0.09
-6
0.006
68
0.966
170
1400
0.969
167
0.08
-6
0.006
70
0.965
169
1450
0.967
166
0.07
-7
0.007
79
0.965
169
1500
0.963
166
0.07
-8
0.008
92
0.964
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com