Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD54008STR-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # PD54008STR-E
Description  RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode, lateral MOSFETs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD54008STR-E Datasheet(HTML) 4 Page - STMicroelectronics

  PD54008STR-E Datasheet HTML 1Page - STMicroelectronics PD54008STR-E Datasheet HTML 2Page - STMicroelectronics PD54008STR-E Datasheet HTML 3Page - STMicroelectronics PD54008STR-E Datasheet HTML 4Page - STMicroelectronics PD54008STR-E Datasheet HTML 5Page - STMicroelectronics PD54008STR-E Datasheet HTML 6Page - STMicroelectronics PD54008STR-E Datasheet HTML 7Page - STMicroelectronics PD54008STR-E Datasheet HTML 8Page - STMicroelectronics PD54008STR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical characteristics
PD54008-E, PD54008S-E
4/28
2
Electrical characteristics
TCASE = +25
oC
2.1
Static
2.2
Dynamic
Table 3.
Static
Symbol
Test conditions
Min.
Typ.
Max.
Unit
IDSS
VGS = 0V
VDS = 25V
1
µA
IGSS
VGS = 20V
VDS = 0V
1
µA
VGS(Q)
VDS = 10V
ID = 150mA
2.0
5.0
V
VDS(ON)
VGS = 10V
ID = 2A
0.6
V
gFS
VDS = 10V
ID = 2A
2.0
2.5
mho
CISS
VGS = 0V
VDS = 7.5V
f = 1MHz
91
pF
COSS
VGS = 0V
VDS = 7.5V
f = 1MHz
68
pF
CRSS
VGS = 0V
VDS = 7.5V
f = 1MHz
8.5
pF
Table 4.
Dynamic
Symbol
Test conditions
Min.
Typ.
Max.
Unit
P1dB
VDD = 7.5V, IDQ = 150mA
f = 500MHz
8
W
GP
VDD = 7.5V, IDQ = 150mA, POUT = 8W, f = 500MHz
10
11.5
dB
hD
VDD = 7.5V, IDQ = 150mA, POUT = 8W, f = 500MHz
50
55
%
Load
mismatch
VDD = 9.5V, IDQ = 150mA, POUT = 8W, f = 500MHz
All phase angles
20:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com