Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT02P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT02P
Description  CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT02P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT02P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT02P Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TC74ACT02P/F/FN/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT02P,TC74ACT02F,TC74ACT02FN,TC74ACT02FT
Quad 2-Input NOR Gate
The TC74ACT02 is an advanced high speed CMOS 2-INPUT
NOR GATE fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.6 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F02
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT02P
TC74ACT02F
TC74ACT02FN
TC74ACT02FT
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74ACT02P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT02P TOSHIBA-TC74ACT02P Datasheet
248Kb / 6P
QUAD 2 INPUT NOR GATE
TC74ACT02P TOSHIBA-TC74ACT02P_12 Datasheet
215Kb / 7P
Quad 2-Input NOR Gate
More results

Similar Description - TC74ACT02P

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7S02FU KEC-KIC7S02FU Datasheet
260Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7SZ02FU KEC-KIC7SZ02FU Datasheet
209Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
KIC7WZ02FK KEC-KIC7WZ02FK Datasheet
43Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(2-INPUT NOR GATE)
logo
Toshiba Semiconductor
TC7WG02FC TOSHIBA-TC7WG02FC Datasheet
176Kb / 6P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WG02FU TOSHIBA-TC7WG02FU Datasheet
196Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WH02FC TOSHIBA-TC7WH02FC Datasheet
148Kb / 5P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2-Input NOR Gate
TC7WZ02FU TOSHIBA-TC7WZ02FU Datasheet
194Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic Dual 2 Input NOR Gate
TC74AC02P TOSHIBA-TC74AC02P_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
TC74ACT08P TOSHIBA-TC74ACT08P_07 Datasheet
260Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input AND Gate
TC74HC02AP TOSHIBA-TC74HC02AP_07 Datasheet
257Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Quad 2-Input NOR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com