Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT112F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT112F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT112F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT112F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT112F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT112P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT112P,TC74ACT112F,TC74ACT112FN
Dual J-K Flip Flop with Preset and Clear
The TC74ACT112 is an advanced high speed CMOS DUAL J-K
FLIP FLOP fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
In accordance with the logic level given J and K input this
device changes state on negative going transition of the clock
pulse. CLEAR and PRESET are independent of the clock and
accomplished by a low logic level on the corresponding input.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 175 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F112
Pin Assignment
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT112P
TC74ACT112F
TC74ACT112FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74ACT112F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT112F TOSHIBA-TC74ACT112F_12 Datasheet
266Kb / 8P
Dual J-K Flip Flop with Preset and Clear
More results

Similar Description - TC74ACT112F

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC109P TOSHIBA-TC74AC109P Datasheet
312Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74AC112P TOSHIBA-TC74AC112P_07 Datasheet
313Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Preset and Clear
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
TC74HC107AF TOSHIBA-TC74HC107AF_07 Datasheet
300Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip Flop with Clear
TC74HC109AF TOSHIBA-TC74HC109AF_07 Datasheet
313Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual J-K Flip-Flop with Preset and Clear
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109_01 Datasheet
187Kb / 12P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com