Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT138FN Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74ACT138FN
Description  CMOS Digital Integrated Circuit Silicon Monolithic 3-to-8 Line Decoder
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT138FN Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74ACT138FN Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT138FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC74ACT138P/F/FN/FT
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
Outputs
Enable
Select
G1
A
2
G
B
2
G
C
B
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
Selected
Output
L
X
X
X
X
X
H
H
H
H
H
H
H
H
None
X
H
X
X
X
X
H
H
H
H
H
H
H
H
None
X
X
H
X
X
X
H
H
H
H
H
H
H
H
None
H
L
L
L
L
L
L
H
H
H
H
H
H
H
0
Y
H
L
L
L
L
H
H
L
H
H
H
H
H
H
1
Y
H
L
L
L
H
L
H
H
L
H
H
H
H
H
2
Y
H
L
L
L
H
H
H
H
H
L
H
H
H
H
3
Y
H
L
L
H
L
L
H
H
H
H
L
H
H
H
4
Y
H
L
L
H
L
H
H
H
H
H
H
L
H
H
5
Y
H
L
L
H
H
L
H
H
H
H
H
H
L
H
6
Y
H
L
L
H
H
H
H
H
H
H
H
H
H
L
7
Y
X: Don’t care
VCC
16
0
Y
15
14
13
12
11
10
1
2
3
4
5
6
7
2B
G
G1
7
Y
GND
8
9
(top view)
B
C
A
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
2A
G
7
EN
(1)
(3)
(2)
B
&
C
(6)
G1
(15)
(13)
(11)
(14)
(12)
(10)
2A
G
(4)
(5)
(9)
(7)
A
BIN/OCT
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
1
2
4
0
1
2
3
4
5
6
2B
G
7
(1)
(3)
(2)
B
&
C
(6)
G1
(15)
(13)
(11)
(14)
(12)
(10)
2A
G
(4)
(5)
(9)
(7)
A
0
Y
1
Y
2
Y
3
Y
4
Y
5
Y
6
Y
7
Y
0
2
0
1
2
3
4
5
6
2B
G
7
0
G
DMUX



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com