Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT161F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT161F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Synchronous Presettable 4-Bit Binary Counter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT161F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT161F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT161F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74ACT161,163P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT161P,TC74ACT161F,TC74ACT161FN
TC74ACT163P,TC74ACT163F,TC74ACT163FN
Synchronous Presettable 4-Bit Binary Counter
TC74ACT161P/F/FN Asynchronous Clear
TC74ACT163P/F/FN Synchronous Clear
The TC74ACT161 and T163 are advanced high speed CMOS
SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTERs
fabricated with silicon gate and double-layer metal wiring
C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
These devices may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
The CK input is active on the rising edge. Both LOAD and
CLR inputs are active on low logic level.
Presetting of these IC’s is synchronous to the rising edge of CK.
The clear function of the TC74ACT163 is synchronous to CK,
while the TC74ACT161 are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT are
provided to enable easy cascading of counters, which facilitates
easy implementation of n-bit counters without using external
gates.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 110 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F161/163
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT161P, TC74ACT163P
TC74ACT161F, TC74ACT163F
TC74ACT161FN, TC74ACT163FN
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)


Similar Part No. - TC74ACT161F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT161F TOSHIBA-TC74ACT161F Datasheet
411Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC74ACT161FN TOSHIBA-TC74ACT161FN Datasheet
411Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC74ACT161F TOSHIBA-TC74ACT161F_12 Datasheet
410Kb / 12P
Synchronous Presettable 4-Bit Binary Counter
More results

Similar Description - TC74ACT161F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC163 PHILIPS-74HC163 Datasheet
86Kb / 11P
Presettable synchronous 4-bit binary counter; synchronous reset
December 1990
74LV163 PHILIPS-74LV163 Datasheet
142Kb / 14P
Presettable synchronous 4-bit binary counter; synchronous reset
1998 Apr 30
logo
Toshiba Semiconductor
TC74AC161F TOSHIBA-TC74AC161F Datasheet
428Kb / 11P
SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTER
TC74ACT161P TOSHIBA-TC74ACT161P Datasheet
411Kb / 11P
SYNCHRONOUS PRESETTABLE 4-BIT BINARY COUNTER
TC74AC393F TOSHIBA-TC74AC393F_07 Datasheet
273Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC74HC393AP TOSHIBA-TC74HC393AP_07 Datasheet
324Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Dual Binary Counter
TC7MH161FK TOSHIBA-TC7MH161FK_07 Datasheet
247Kb / 12P
Synchronous Presettable 4-Bit Binary Counter
TC74ACT161F TOSHIBA-TC74ACT161F_12 Datasheet
410Kb / 12P
Synchronous Presettable 4-Bit Binary Counter
logo
Nexperia B.V. All right...
74LVC163 NEXPERIA-74LVC163 Datasheet
295Kb / 18P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 7 - 19 April 2021
74HCT163 NEXPERIA-74HCT163 Datasheet
309Kb / 20P
Presettable synchronous 4-bit binary counter; synchronous reset
Rev. 5 - 12 October 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com