Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT164P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT164P
Description  CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT164P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT164P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT164P Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TC74ACT164P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT164P,TC74ACT164F,TC74ACT164FN
8-Bit Shift Register (S-IN, P-OUT)
The TC74ACT164 is an advanced high speed CMOS 8-BIT
SERIAL-IN PARALLEL-OUT SHIFT REGISTER fabricated with
silicon gate and double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
It consists of a serial-in, parallel-out 8-bit shift register with a
CLOCK input and an overriding CLEAR input.
Two serial data inputs (A, B) are provided so that one may be
used as a data enable.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 200 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (max)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F164
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT164P
TC74ACT164F
TC74ACT164FN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74ACT164P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT164P TOSHIBA-TC74ACT164P Datasheet
281Kb / 7P
8 BIT SHIFT REGISTER
More results

Similar Description - TC74ACT164P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC166AP TOSHIBA-TC74HC166AP Datasheet
357Kb / 9P
8-BIT SHIFT REGISTER(P-IN, S-OUT)
TC74AC164P TOSHIBA-TC74AC164P_07 Datasheet
295Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (S-IN, P-OUT)
TC74AC166P TOSHIBA-TC74AC166P_07 Datasheet
503Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Shift Register (P-IN, S-OUT)
TC74HC597AP TOSHIBA-TC74HC597AP_07 Datasheet
442Kb / 11P
CMOS Digital Integrated Circuit Silicon Monolithic 8-Bit Latch/Shift Register
TC74HC164AP TOSHIBA-TC74HC164AP_07 Datasheet
372Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
TC74HC166AP TOSHIBA-TC74HC166AP_07 Datasheet
504Kb / 11P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_07 Datasheet
271Kb / 11P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC164F TOSHIBA-TC74AC164F_12 Datasheet
259Kb / 9P
8-Bit Shift Register (S-IN, P-OUT)
TC74AC166F TOSHIBA-TC74AC166F_12 Datasheet
374Kb / 9P
8-Bit Shift Register (P-IN, S-OUT)
TC74VHC164F TOSHIBA-TC74VHC164F_12 Datasheet
230Kb / 10P
8-Bit Shift Register (S-IN, P-OUT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com