Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT280P Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT280P
Description  CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT280P Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT280P Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT280P Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT280P/F/FN
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT280P,TC74ACT280F,TC74ACT280FN
9-Bit Parity Generator/Checker
The TC74ACT280 is an advanced high speed CMOS 9-BIT
PARITY GENERATOR fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This device may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
The TC74ACT280 is composed of nine data inputs (A thru I)
and odd/even parity outputs (Σ ODD and Σ EVEN).
The odd parity output is high when an odd number of data
inputs are high. The even parity output is high when an even
number of data inputs are high.
The word-length capability is easily expanded by cascading.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 9.2 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F280
Pin Assignment
NC: No connection
Note:
xxxFN (JEDEC SOP) is not available in
Japan.
TC74ACT280P
TC74ACT280F
TC74ACT280FN
Weight
DIP14-P-300-2.54
: 0.96 g (typ.)
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)


Similar Part No. - TC74ACT280P

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT240F TOSHIBA-TC74ACT240F Datasheet
273Kb / 6P
OCTAL BUS BUFFER
TC74ACT240F TOSHIBA-TC74ACT240F Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240FT TOSHIBA-TC74ACT240FT Datasheet
273Kb / 6P
OCTAL BUS BUFFER
TC74ACT240FT TOSHIBA-TC74ACT240FT Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240FW TOSHIBA-TC74ACT240FW Datasheet
273Kb / 6P
OCTAL BUS BUFFER
More results

Similar Description - TC74ACT280P

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Intersil Corporation
CD40101BMS INTERSIL-CD40101BMS Datasheet
105Kb / 8P
CMOS 9-Bit Parity Generator/Checker
December 1992
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Pericom Semiconductor C...
PI74FCT280T PERICOM-PI74FCT280T Datasheet
39Kb / 4P
Fast CMOS 9-Bit Parity Generator/Checker
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P_07 Datasheet
361Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic 9-Bit Parity Generator/Checker
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com