Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QC4-MCB-R1000-1 Datasheet(PDF) 1 Page - Qualwave Inc. All rights reserved.

Part # QC4-MCB-R1000-1
Description  Connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QUALWAVE [Qualwave Inc. All rights reserved.]
Direct Link  http://www.qualwave.com/index.htm
Logo QUALWAVE - Qualwave Inc. All rights reserved.

QC4-MCB-R1000-1 Datasheet(HTML) 1 Page - Qualwave Inc. All rights reserved.

  QC4-MCB-R1000-1 Datasheet HTML 1Page - Qualwave Inc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Connector
Qualwave Inc.
+86-28-6115-4929
sales@qualwave.com
www.qualwave.com
Rev 1.1
QC4-MCB-R1000-1
4.3-10 Male, Crimp
Features:
Applications:
* Low VSWR
* Wireless
* Radar
* Instruments
* Electronics
Electrical
Frequency:
DC~6GHz
Insertion Loss:
0.3dB max.
VSWR:
1.3 max.
Voltage Withstand:
1500Vrms
Impedance of Dielectric:
5000MΩ min.
Impedance:
50Ω
Mechanical
RF Connector:
4.3-10 Male
Operation Life:
500 Cycles min.
Mating Cable:
QR1000, LMR400
Outer Conductor:
Suco Plated Brass
Insulator:
Teflon
Contact Pin:
Silver Plated Brass
Environmental
Temperature:
-55~+125°C
Outline Drawings
Unit: mm [in]
Tolerance: ±0.5mm [±0.02in]
How To Order
QC4-MCB-R1000-1
Customization is available upon request.


Similar Part No. - QC4-MCB-R1000-1

ManufacturerPart #DatasheetDescription
logo
Qualwave Inc. All right...
QC4-MCB-R600-1 QUALWAVE-QC4-MCB-R600-1 Datasheet
110Kb / 1P
Connector
Rev 1.1
More results

Similar Description - QC4-MCB-R1000-1

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-383AM15-35PSP GLENAIR-240-383AM15-35PSP Datasheet
395Kb / 2P
Filter Connector, Connector Adapter
759-861A16 GLENAIR-759-861A16 Datasheet
215Kb / 2P
Connector to Connector
M85049-27S8N GLENAIR-M85049-27S8N Datasheet
73Kb / 1P
Connector
759-861A16 GLENAIR-759-861A16_10 Datasheet
289Kb / 2P
Connector to Connector
logo
Allied Components Inter...
AR26-4057 ALLIED-AR26-4057 Datasheet
1Mb / 2P
Connector
logo
CW Industries
C1AXS-2036G CWIND-C1AXS-2036G Datasheet
507Kb / 1P
CONNECTOR
C3APS-1006G CWIND-C3APS-1006G Datasheet
634Kb / 1P
CONNECTOR
logo
PHOENIX CONTACT
1132718 PHOENIX-1132718 Datasheet
53Kb / 2P
Connector - EV-T2M3SL12-CONNECTOR
logo
Pepperl+Fuchs Inc.
ICZ-AIDA1-V45 PF-ICZ-AIDA1-V45 Datasheet
495Kb / 2P
Connector
ICZ-AIDA3-MSTB PF-ICZ-AIDA3-MSTB Datasheet
335Kb / 2P
Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com