Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT374F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT374F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT374F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT374F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT374F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT374P/F/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT374P,TC74ACT374F,TC74ACT374FT
Octal D-Type Flip-Flop with 3-State Output
The TC74ACT374 is an advanced high speed CMOS OCTAL
FLIP-FLOP fabricated with silicon gate and double-layer metal
wiring C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
This devices may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
These 8-bit D-type flip-flops are controlled by a clock input
(CK) and a output enable input ( OE ).
When the OE input is high, the eight outputs are in a high
impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: fmax = 180 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs: VIL = 0.8 V (max)
VIH = 2.0 V (min)
• Symmetrical output impedance: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω
transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F374
TC74ACT374P
TC74ACT374F
TC74ACT374FT
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


Similar Part No. - TC74ACT374F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT374F TOSHIBA-TC74ACT374F Datasheet
289Kb / 7P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374FT TOSHIBA-TC74ACT374FT Datasheet
289Kb / 7P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT374FW TOSHIBA-TC74ACT374FW Datasheet
289Kb / 7P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74ACT374F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74AC273P TOSHIBA-TC74AC273P_07 Datasheet
230Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74AC374FT TOSHIBA-TC74AC374FT_07 Datasheet
365Kb / 10P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-state Output
TC74AC377P TOSHIBA-TC74AC377P Datasheet
312Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74AC573P TOSHIBA-TC74AC573P_07 Datasheet
236Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74AC574P TOSHIBA-TC74AC574P_07 Datasheet
236Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74ACT273P TOSHIBA-TC74ACT273P Datasheet
277Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip Flop with Clear
TC74ACT573P TOSHIBA-TC74ACT573P_07 Datasheet
235Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Latch with 3-State Output
TC74ACT574F TOSHIBA-TC74ACT574F_07 Datasheet
236Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop with 3-State Output
TC74HC377AP TOSHIBA-TC74HC377AP_07 Datasheet
322Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Flip-Flop
TC74HC564AP TOSHIBA-TC74HC564AP_07 Datasheet
343Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal D-Type Filp-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com