Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP1032F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP1032F
Description  Domestic electrical appliances such as VTRs and CD players
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP1032F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP1032F Datasheet HTML 1Page - Toshiba Semiconductor TLP1032F Datasheet HTML 2Page - Toshiba Semiconductor TLP1032F Datasheet HTML 3Page - Toshiba Semiconductor TLP1032F Datasheet HTML 4Page - Toshiba Semiconductor TLP1032F Datasheet HTML 5Page - Toshiba Semiconductor TLP1032F Datasheet HTML 6Page - Toshiba Semiconductor TLP1032F Datasheet HTML 7Page - Toshiba Semiconductor TLP1032F Datasheet HTML 8Page - Toshiba Semiconductor TLP1032F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP1032(F), TLP1033A(F)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
(Ta
> 25°C)
−0.33
Forward current derating
(Ta
> 85°C)
ΔIF/°C
−2
mA/°C
Reverse voltage
VR
5
V
Supply voltage
VCC
15
V
Output voltage
VO
15
V
Low-level output current (Ta
= Topr)
IOL
16
mA
Operating temperature
Topr
−30~95
°C
Storage temperature
Tstg
−40~100
°C
Soldering temperature (5 s)
(Note 1)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Soldering is performed 1.5 mm from the bottom of the package.
Operating Ranges
Characteristic
Symbol
Min
Typ.
Max
Unit
LED forward current
IF
8
(Note 2)
⎯
20
mA
Supply voltage
VCC
2.7
3.3
13.2
V
Output voltage
VO
⎯
⎯
13.2
V
Low-level output current
IOL
⎯
⎯
16
mA
Operating temperature
Topr
−25
⎯
95
°C
Note 2: The value 8 mA allows for a 50% optical fluctuation in the LED. The initial value of the threshold input
current is 4 mA or less.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com