Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP848 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP848
Description  Personal Equipment and Small-sized OA Equipment
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP848 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP848 Datasheet HTML 1Page - Toshiba Semiconductor TLP848 Datasheet HTML 2Page - Toshiba Semiconductor TLP848 Datasheet HTML 3Page - Toshiba Semiconductor TLP848 Datasheet HTML 4Page - Toshiba Semiconductor TLP848 Datasheet HTML 5Page - Toshiba Semiconductor TLP848 Datasheet HTML 6Page - Toshiba Semiconductor TLP848 Datasheet HTML 7Page - Toshiba Semiconductor TLP848 Datasheet HTML 8Page - Toshiba Semiconductor TLP848 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TLP848
2007-10-01
2
Optical and Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test conditions
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 10 mA
1.10
1.23
1.40
V
Reverse current
IR
VR = 5 V
⎯
⎯
10
μA
Peak emission wavelength
λP
IF = 10 mA
⎯
940
⎯
nm
Dark current
ID (ICEO) VCE = 12 V, IF = 0
⎯
⎯
0.05
μA
Peak sensitivity wavelength
λP
⎯
⎯
820
⎯
nm
TLP848
3
⎯
24
%
Current transfer ratio
IC/IF
VCE = 2 V
IF = 5 mA
TLP848 (R)
4
⎯
20
%
Collector-emitter saturation
voltage
VCE (sat) IF = 10 mA, IC = 0.15 mA
⎯
0.1
0.4
V
Rise time
tr
⎯
15
50
Fall time
tf
VCC = 5 V, IC = 1 mA
RL = 1k Ω
(Note 3)
⎯
15
50
μs
Note 3: Switching time measurement circuit and waveform
VCC
VOUT
RL
IF
VOUT
IF
tr
90%
10%
tf
td
ts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com