Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT541F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74ACT541F
Description  CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT541F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74ACT541F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT541F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74ACT540,541P/F/FT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74ACT540P,TC74ACT540F,TC74ACT540FT
TC74ACT541P,TC74ACT541F,TC74ACT541FT
Octal Bus Buffer
TC74ACT540P/F/FT
Inverting, 3-State
Outputs
TC74ACT541P/F/FT
Non-Inverting,
3-State Outputs
The TC74ACT540/TC74ACT541 are advanced high speed
CMOS OCTAL BUS BUFFERs fabricated with silicon gate and
double-layer metal wiring C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
These devices may be used as a level converter for interfacing
TTL or NMOS to High Speed CMOS. The inputs are compatible
with TTL, NMOS and CMOS output voltage levels.
The TC74ACT540 is an inverting type, and the TC74ACT541 is
a non-inverting type.
When either
1
G or
2
G
are high, the terminal outputs are in
the high-impedance state.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 4.3 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 8 μA (max) at Ta = 25°C
• Compatible with TTL outputs
: VIL = 0.8 V (max) VIH = 2.0 V (min)
• Symmetrical output impedance
: |IOH| = IOL = 24 mA (min)
Capability of driving 50
Ω transmission lines.
• Balanced propagation delays: tpLH ∼− tpHL
• Pin and function compatible with 74F540/541
TC74ACT540P, TC74ACT541P
TC74ACT540F, TC74ACT541F
TC74ACT540FT, TC74ACT541FT
Weight
DIP20-P-300-2.54A
: 1.30 g (typ.)
SOP20-P-300-1.27A
: 0.22 g (typ.)
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)


Similar Part No. - TC74ACT541F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74ACT541F TOSHIBA-TC74ACT541F Datasheet
284Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT541FT TOSHIBA-TC74ACT541FT Datasheet
284Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT541FW TOSHIBA-TC74ACT541FW Datasheet
284Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
More results

Similar Description - TC74ACT541F

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC7W126FK KEC-KIC7W126FK Datasheet
290Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ125FK KEC-KIC7WZ125FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ126FK KEC-KIC7WZ126FK Datasheet
667Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ240FK KEC-KIC7WZ240FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
KIC7WZ241FK KEC-KIC7WZ241FK Datasheet
668Kb / 4P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT(DUAL BUS BUFFER)
logo
Toshiba Semiconductor
TC7WH125FU TOSHIBA-TC7WH125FU_01 Datasheet
250Kb / 8P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC7WT125FU TOSHIBA-TC7WT125FU_01 Datasheet
199Kb / 5P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC DUAL BUS BUFFER
TC74AC540P TOSHIBA-TC74AC540P_07 Datasheet
237Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74ACT240P TOSHIBA-TC74ACT240P_07 Datasheet
233Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
TC74HC540AP TOSHIBA-TC74HC540AP_07 Datasheet
278Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic Octal Bus Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com