Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS138M Datasheet(PDF) 3 Page - Solid State Inc

Part # DM74LS138M
Description  Decoder/Demultiplexer
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

DM74LS138M Datasheet(HTML) 3 Page - Solid State Inc

  DM74LS138M Datasheet HTML 1Page - Solid State Inc DM74LS138M Datasheet HTML 2Page - Solid State Inc DM74LS138M Datasheet HTML 3Page - Solid State Inc DM74LS138M Datasheet HTML 4Page - Solid State Inc DM74LS138M Datasheet HTML 5Page - Solid State Inc DM74LS138M Datasheet HTML 6Page - Solid State Inc DM74LS138M Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Absolute Maximum Ratings(Note 2)
Note 2: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
DM74LS138 Recommended Operating Conditions
DM74LS138 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 5: ICC is measured with all outputs enabled and OPEN.
DM74LS138 Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level Output Voltage
VCC = Min, IOH = Max, VIL = Max, VIH = Min
2.7
3.4
V
VOL
LOW Level
VCC = Min, IOL = Max, VIL = Max, VIH = Min
0.35
0.5
V
Output Voltage
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage
VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 4)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 5)
6.3
10
mA
From (Input)
Levels
RL = 2 kΩ
Symbol
Parameter
To (Output)
of Delay
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
Select to Output
2
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
2
27
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Select to Output
3
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Select to Output
3
27
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
2
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
2
24
40
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable to Output
3
18
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable to Output
3
28
40
ns
HIGH-to-LOW Level Output
www.sycelectronica.com.ar



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com