Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS153 Datasheet(PDF) 1 Page - Solid State Inc

Part # 74LS153
Description  DUAL 4-INPUT MULTIPLEXER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS153 Datasheet(HTML) 1 Page - Solid State Inc

  74LS153 Datasheet HTML 1Page - Solid State Inc 74LS153 Datasheet HTML 2Page - Solid State Inc 74LS153 Datasheet HTML 3Page - Solid State Inc 74LS153 Datasheet HTML 4Page - Solid State Inc 74LS153 Datasheet HTML 5Page - Solid State Inc 74LS153 Datasheet HTML 6Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SN74LS153
Dual 4-Input Multiplexer
The LSTTL / MSI SN74LS153 is a very high speed Dual 4-Input
Multiplexer with common select inputs and individual enable inputs
for each section. It can select two bits of data from four sources. The
two buffered outputs present data in the true (non-inverted) form. In
addition to multiplexer operation, the LS153 can generate any two
functions of three variables. The LS153 is fabricated with the Schottky
barrier diode process for high speed and is completely compatible with
all ON Semiconductor TTL families.
• Multifunction Capability
• Non-Inverting Outputs
• Separate Enable for Each Multiplexer
• Input Clamp Diodes Limit High Speed Termination Effects
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS153N
16 Pin DIP
2000 Units/Box
SN74LS153D
16 Pin
SOIC
D SUFFIX
CASE 751B
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 648
16
1
16
1
74LS153


Similar Part No. - 74LS153

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
74LS153 MOTOROLA-74LS153 Datasheet
159Kb / 5P
DUAL 4-INPUT MULTIPLEXER
logo
National Semiconductor ...
74LS153 NSC-74LS153 Datasheet
142Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
logo
Texas Instruments
74LS153 TI-74LS153 Datasheet
288Kb / 8P
DUAL 4-LINE TO 1-LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
74LS153 FAIRCHILD-74LS153 Datasheet
52Kb / 5P
Dual 1-of-4 Line Data Selectors/Multiplexers
logo
Hitachi Semiconductor
74LS153 HITACHI-74LS153 Datasheet
64Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
More results

Similar Description - 74LS153

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC153 NSC-54AC153 Datasheet
150Kb / 8P
Dual 4-Input Multiplexer
54F153DM NSC-54F153DM Datasheet
167Kb / 10P
Dual 4-Input Multiplexer
logo
NXP Semiconductors
74ALS153 PHILIPS-74ALS153 Datasheet
110Kb / 9P
Dual 4-input multiplexer
1991 Feb 08
logo
Fairchild Semiconductor
74AC153 FAIRCHILD-74AC153 Datasheet
98Kb / 9P
Dual 4-Input Multiplexer
logo
National Semiconductor ...
MM74HC153 NSC-MM74HC153 Datasheet
111Kb / 4P
Dual 4-Input Multiplexer
logo
AVG Semiconductors(HITE...
DV74ACT153 AVG-DV74ACT153 Datasheet
300Kb / 4P
Dual 4-Input Multiplexer
logo
Motorola, Inc
MC74AC352 MOTOROLA-MC74AC352 Datasheet
189Kb / 7P
DUAL 4-INPUT MULTIPLEXER
logo
ON Semiconductor
MC74AC153 ONSEMI-MC74AC153_15 Datasheet
100Kb / 9P
Dual 4-Input Multiplexer
January, 2015 ??Rev. 8
logo
Motorola, Inc
MC5474F352 MOTOROLA-MC5474F352 Datasheet
68Kb / 3P
DUAL 4-INPUT MULTIPLEXER
logo
Nexperia B.V. All right...
74HC153-Q100 NEXPERIA-74HC153-Q100 Datasheet
236Kb / 14P
Dual 4-input multiplexer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com