Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LS164 Datasheet(PDF) 1 Page - Solid State Inc

Part # 74LS164
Description  Serial -In Parallel-Out Shift Register
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc

74LS164 Datasheet(HTML) 1 Page - Solid State Inc

  74LS164 Datasheet HTML 1Page - Solid State Inc 74LS164 Datasheet HTML 2Page - Solid State Inc 74LS164 Datasheet HTML 3Page - Solid State Inc 74LS164 Datasheet HTML 4Page - Solid State Inc 74LS164 Datasheet HTML 5Page - Solid State Inc 74LS164 Datasheet HTML 6Page - Solid State Inc 74LS164 Datasheet HTML 7Page - Solid State Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
SN74LS164
Serial-In Parallel-Out
Shift Register
The SN74LS164 is a high speed 8-Bit Serial-In Parallel-Out Shift
Register. Serial data is entered through a 2-Input AND gate
synchronous with the LOW to HIGH transition of the clock. The
device features an asynchronous Master Reset which clears the
register setting all outputs LOW independent of the clock. It utilizes
the Schottky diode clamped process to achieve high speeds and is fully
compatible with all ON Semiconductor TTL products.
• Typical Shift Frequency of 35 MHz
• Asynchronous Master Reset
• Gated Serial Data Input
• Fully Synchronous Data Transfers
• Input Clamp Diodes Limit High Speed Termination Effects
• ESD > 3500 Volts
GUARANTEED OPERATING RANGES
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.75
5.0
5.25
V
TA
Operating Ambient
Temperature Range
0
25
70
°C
IOH
Output Current – High
– 0.4
mA
IOL
Output Current – Low
8.0
mA
LOW
POWER
SCHOTTKY
Device
Package
Shipping
ORDERING INFORMATION
SN74LS164N
14 Pin DIP
2000 Units/Box
SN74LS164D
14 Pin
SOIC
D SUFFIX
CASE 751A
2500/Tape & Reel
PLASTIC
N SUFFIX
CASE 646
14
1
14
1
74LS164


Similar Part No. - 74LS164

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74LS164 ONSEMI-74LS164 Datasheet
109Kb / 8P
LOW POWER SCHOTTKY
December, 1999 ??Rev. 6
logo
System Logic Semiconduc...
74LS164 SLS-74LS164 Datasheet
36Kb / 4P
8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74LS164 FAIRCHILD-74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Hitachi Semiconductor
74LS164 HITACHI-74LS164 Datasheet
76Kb / 6P
8-Bit Parallel-Out Serial-In Shift Registers
logo
Silicon Supplies
74LS164 SS-74LS164 Datasheet
441Kb / 5P
Low Power Schottky Logic
More results

Similar Description - 74LS164

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS164 MOTOROLA-SN54LS164 Datasheet
78Kb / 4P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
logo
National Semiconductor ...
54F164ADM NSC-54F164ADM Datasheet
156Kb / 8P
Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A Datasheet
58Kb / 6P
Serial-In, Parallel-Out Shift Register
logo
Hitachi Semiconductor
HD74AC164 HITACHI-HD74AC164 Datasheet
59Kb / 10P
Serial-In, Parallel-Out Shift Register
logo
National Semiconductor ...
74ACT164 NSC-74ACT164 Datasheet
112Kb / 6P
Serial-In, Parallel-Out Shift Register
logo
Fairchild Semiconductor
74F164A FAIRCHILD-74F164A_00 Datasheet
75Kb / 7P
Serial-In, Parallel-Out Shift Register
logo
Renesas Technology Corp
HD74AC164 RENESAS-HD74AC164 Datasheet
136Kb / 9P
Serial-In, Parallel-Out Shift Register
HD74AC164 RENESAS-HD74AC164_15 Datasheet
151Kb / 11P
Serial-In, Parallel-Out Shift Register
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
22-Jun-2018
logo
STMicroelectronics
T74LS164 STMICROELECTRONICS-T74LS164 Datasheet
107Kb / 5P
SERIAL-IN PARALLEL-OUT SHIFT REGISTER
Sep-1988
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com