Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP830 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP830
Description  Infrared LED Phototransistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP830 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP830 Datasheet HTML 1Page - Toshiba Semiconductor TLP830 Datasheet HTML 2Page - Toshiba Semiconductor TLP830 Datasheet HTML 3Page - Toshiba Semiconductor TLP830 Datasheet HTML 4Page - Toshiba Semiconductor TLP830 Datasheet HTML 5Page - Toshiba Semiconductor TLP830 Datasheet HTML 6Page - Toshiba Semiconductor TLP830 Datasheet HTML 7Page - Toshiba Semiconductor TLP830 Datasheet HTML 8Page - Toshiba Semiconductor TLP830 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP830(F)
2007-10-01
1
TOSHIBA Photointerrupter Infrared LED + Phototransistor
TLP830(F)
Lead(Pb)-Free
Track "00" Sensor For Floppy Disk Drive
Detection Of Sub−Scanning Quantity By
Image Scanner
Various Position Detection Sensor
TLP830(F) is a photointerrupter which uses a
high−radiant power GaAs LED and a fast−response
Si phototransistor. The device is high resolution
with a narrow slit pitch.
• Small package: 7.4mm (H), 4.5mm (D)
• Printed wiring board direct mounting type
(with a locating pin).
• Board thickness: 1mm or less
• Short lead type enabling automated mounting
• Gap: 2mm
• High resolution: Slit width 0.15mm
• High current transfer ratio: IC/IF = 3% (min)
• Material of the package
: Polybutylene terephthalate
(UL94V−0, black color)
• Detector side is of visible light cut type.
Absolute Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
IF
50
mA
Ta > 25°C
−0.33
Forward current
derating
Ta > 85°C
ΔIF / °C
−2
mA / °C
LED
Reverse voltage
VR
5
V
Collector
−emitter voltage
VCEO
35
V
Emitter
−collector voltage
VECO
5
V
Collector power dissipation
PC
75
mW
Collector power dissipation
derating (Ta > 25°C)
ΔPC / °C
−1
mW / °C
Detector
Collector current
IC
50
mA
Operating temperature range
Topr
−30~85
°C
Storage temperature range
Tstg
−40~100
°C
Soldering temperature (5 s)
Tsol
260
°C
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
TOSHIBA
11
−11C1
Weight: 0.4 g (typ.)


Similar Part No. - TLP830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP830 TOSHIBA-TLP830 Datasheet
346Kb / 7P
INFRARED LED PHOTOTRANSISTOR
More results

Similar Description - TLP830

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP800A TOSHIBA-TLP800A Datasheet
382Kb / 9P
PHOTO-INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP801A TOSHIBA-TLP801A Datasheet
248Kb / 9P
INFRARED LED PHOTOTRANSISTOR
TLP810 TOSHIBA-TLP810 Datasheet
299Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP814 TOSHIBA-TLP814 Datasheet
307Kb / 7P
PHOTO INTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP830 TOSHIBA-TLP830 Datasheet
346Kb / 7P
INFRARED LED PHOTOTRANSISTOR
TLP831 TOSHIBA-TLP831 Datasheet
334Kb / 7P
PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP813 TOSHIBA-TLP813 Datasheet
352Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP836 TOSHIBA-TLP836 Datasheet
319Kb / 6P
TOSHIBA PHOTOINTERRUPTER INFRARED LED PHOTOTRANSISTOR
TLP1243 TOSHIBA-TLP1243 Datasheet
243Kb / 9P
Photo-interrupter Infrared LEDPhototransistor
TLP841 TOSHIBA-TLP841 Datasheet
188Kb / 8P
Infrared LED Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com