Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA970 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA970
Description  Low Noise Audio Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA970 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA970 Datasheet HTML 1Page - Toshiba Semiconductor 2SA970 Datasheet HTML 2Page - Toshiba Semiconductor 2SA970 Datasheet HTML 3Page - Toshiba Semiconductor 2SA970 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA970
2007-11-01
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SA970
Low Noise Audio Amplifier Applications
• Low noise: NF = 3dB (typ.) RG = 100 Ω, VCE = −6 V, IC = −100 μA,
f = 1 kHz
: NF = 0.5dB (typ.) RG = 1 kΩ, VCE = −6 V, IC = −100 μA,
f = 1 kHz
• High DC current gain: hFE = 200~700
• High breakdown voltage: VCEO = −120 V
• Low pulse noise. Low 1/f noise
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−120
V
Collector-emitter voltage
VCEO
−120
V
Emitter-base voltage
VEBO
−5
V
Collector current
IC
−100
mA
Base current
IB
−20
mA
Collector power dissipation
PC
300
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −120 V, IE = 0
⎯
⎯
−0.1
μA
Emitter cut-off current
IEBO
VEB = −5 V, IC = 0
⎯
⎯
−0.1
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −1 mA, IB = 0
−120
⎯
⎯
V
DC current gain
hFE
(Note)
VCE = −6 V, IC = −2 mA
200
⎯
700
Collector-emitter saturation voltage
VCE (sat)
IC = −10 mA, IB = −1 mA
⎯
⎯
−0.3
V
Base-emitter voltage
VBE
VCE = −6 V, IC = −2 mA
⎯
−0.65
⎯
V
Transition frequency
fT
VCE = −6 V, IC = −1 mA
⎯
100
⎯
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
⎯
4.0
⎯
pF
VCE = −6 V, IC = −0.1 mA, f = 10 Hz,
RG = 10 kΩ
⎯
⎯
6
VCE = −6 V, IC = −0.1 mA, f = 1 kHz,
RG = 10 kΩ
⎯
⎯
2
Noise figure
NF
VCE = −6 V, IC = −0.1 mA, f = 1 kHz,
RG = 100 Ω
⎯
3
⎯
dB
Note: hFE classification GR: 200~400, BL: 350~700
Unit: mm
JEDEC
TO-92
JEITA
SC-43
TOSHIBA
2-5F1B
Weight: 0.21 g (typ.)


Similar Part No. - 2SA970

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA970 TOSHIBA-2SA970 Datasheet
213Kb / 3P
TRANSISTOR (LOW NOISE AUDIO AMPLIFIER APPLICATIONS)
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
161Kb / 1P
TOSHIBA TRANSISTOR SILICON PNP EPITAXIAL TYPE (PCT PROCESS)
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970 TOSHIBA-2SA970 Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SA970 TOSHIBA-2SA970 Datasheet
291Kb / 4P
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
More results

Similar Description - 2SA970

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ74 TOSHIBA-2SJ74_07 Datasheet
663Kb / 5P
Low Noise Audio Amplifier Applications
2SJ108 TOSHIBA-2SJ108_07 Datasheet
647Kb / 5P
Low Noise Audio Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA970 NJSEMI-2SA970 Datasheet
66Kb / 1P
LOW NOISE AUDIO AMPLIFIER APPLICATIONS
logo
Toshiba Semiconductor
2SA970-BL TOSHIBA-2SA970-BL Datasheet
267Kb / 4P
Low Noise Audio Amplifier Applications
2SK170-GR TOSHIBA-2SK170-GR Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-V TOSHIBA-2SK170-V Datasheet
320Kb / 5P
Low Noise Audio Amplifier Applications
2SC2240-GR TOSHIBA-2SC2240-GR Datasheet
314Kb / 5P
Low Noise Audio Amplifier Applications
2SK170-BL TOSHIBA-2SK170-BL Datasheet
345Kb / 5P
Low Noise Audio Amplifier Applications
2SK184-GR TOSHIBA-2SK184-GR Datasheet
320Kb / 4P
Low Noise Audio Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com