Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74HC4053AFN Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74HC4053AFN
Description  CMOS Digital Integrated Circuit Silicon Monolithic
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74HC4053AFN Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74HC4053AFN Datasheet HTML 1Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 2Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 3Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 4Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 5Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 6Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 7Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 8Page - Toshiba Semiconductor TC74HC4053AFN Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC74HC4051,4052AP/AF/AFT,4053AP/AF/AFN/AFT
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4051AP,TC74HC4051AF,TC74HC4051AFT
TC74HC4052AP,TC74HC4052AF,TC74HC4052AFT
TC74HC4053AP,TC74HC4053AF,TC74HC4053AFN,TC74HC4053AFT
TC74HC4051AP/AF/AFT
8-Channel Analog Multiplexer/Demultiplexer
TC74HC4052AP/AF/AFT
Dual 4-Channel Analog
Multiplexer/Demultiplexer
TC74HC4053AP/AF/AFN/AFT
Triple 2-Channel Analog
Multiplexer/Demultiplexer
The TC74HC4051A/4052A/4053A are high speed CMOS
ANALOG MULTIPLEXER/DEMULTIPLEXER fabricated with
silicon gate C2MOS technology. They achieve the high speed
operation similar to equivalent LSTTL while maintaining the
CMOS low power dissipation.
The TC74HC4051A has an 8 channel configuration, the
TC74HC4052A has a 4 channel × 2 configuration and the
TC74HC4053A has a 2 channel × 3 configuration.
The digital signal to the control terminal turns “ON” the
corresponding switch of each channel a large amplitude signal
(VCC − VEE) can then be switched by the small logical amplitude
(VCC − GND) control signal.
For example, in the case of VCC = 5 V, GND = 0 V, VEE = −5 V,
signals between −5 V and +5 V can be switched from the logical
circuit with a single power supply of 5 V. As the ON-resistance of
each switch is low, they can be connected to circuits with low
input impedance.
All inputs are equipped with protection circuits against static
discharge or transient excess voltage.
Features
• High speed: tpd = 15 ns (typ.) at VCC = 5 V, VEE = 0 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Low ON resistance: RON = 50 Ω (typ.) at VCC − VEE = 9 V
• High noise immunity: THD = 0.02% (typ.) at VCC − VEE = 9 V
• Pin and function compatible with 4051/4052/4053B
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74HC4051AP, TC74HC4052AP,
TC74HC4053AP
TC74HC4051AF, TC74HC4052AF,
TC74HC4053AF
TC74HC4053AFN
TC74HC4051AFT, TC74HC4052AFT,
TC74HC4053AFT
Weight
DIP16-P-300-2.54A
: 1.00 g (typ.)
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A
: 0.06 g (typ.)


Similar Part No. - TC74HC4053AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4053AFN TOSHIBA-TC74HC4053AFN Datasheet
383Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULITIPLEXER
More results

Similar Description - TC74HC4053AFN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC10AP TOSHIBA-TC74HC10AP Datasheet
237Kb / 6P
CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7SZ32FU KEC-KIC7SZ32FU_15 Datasheet
374Kb / 3P
SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC358860XBG TOSHIBA-TC358860XBG Datasheet
390Kb / 19P
CMOS Digital Integrated Circuit Silicon Monolithic
2017-07-01 Rev.2.0a
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com